Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACP-4D00BP-00XE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ACP-4D00BP-00XE
Description  Dual-Node 350mm Depth 4U Chassis for Half-Sized Slot SBC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-4D00BP-00XE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ACP-4D00BP-00XE Datasheet HTML 1Page - Advantech Co., Ltd. ACP-4D00BP-00XE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ACP-4D00
Ordering Information
Part Number
Description
ACP-4D00BP-00XE
4U dual node chassis without BP, power supply
Power Supply Options
Part Number
80 Plus Grade
Specifications
Wattage
Input
PS8-250FATX-XE
80 Plus Bronze
250W
AC 100 ~ 240 V
(full range)
PS8-350FATX-XE
80 Plus Bronze
350W
AC 100 ~ 240 V
(full range)
Supported CPU Cards
Part Number
Description
PCE-3028G2-00A1E
PICMG 1.3 half-sized SBC w/ 4th Gen. Core i CPU,
front USB 3.0
PCE-4128G2-00A1E
PICMG 1.3 half-sized SBC w/ Xeon E3-12XX v3 CPU,
front USB 3.0
* Strongly recommend Advantech CPU cards listed above to minimizing risk of
compatibility issue. If the CPU card has no USB 3.0 on-board box header, the front
USB 3.0 ports can NOT be activated.
Supported Backplanes
Part Number
CPU Card Slot
PCIe Slot
PCI
PCE-3B03-00A1E
PICMG 1.3
1 PCIe x 16
1 PCIe x 4
-
PCE-3B06-00A1E
PICMG 1.3
1 PCIe x 16
4 PCIe x 1
-
PCE-3B06-03A1E
PICMG 1.3
1 PCIe x 16
1 PCIe x 1
3
PCA-6105P5-0B2E
PCI
-
4
Optional Accessories
Part Number
Description
1960053207N001
1.5U CPU cooler for 3 available expansion slots
IDT-3120E
Drive bay module converting 1 3.5" to 2 hot-swap 2.5"
989K008734
Bracket to fix two 2.5" devices in a 3.5" drive bay
9680006905
Slide rail for ACP-4D00
* The 1.5U CPU cooler 1960053207N001 is for LGA 1155/1150 socket CPUs, it is thin
enough to leave 3 available expansion slots on the backplane.
Dimensions
Unit: mm [inch]
400.2 [15.76]
101.6 [4.00]
177.0 [6.97]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
38.3
[1.51]
389.4 [15.33]
349.2 [13.76]
10.8 [0.43]


Similar Part No. - ACP-4D00BP-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4D00BP-00XE ADVANTECH-ACP-4D00BP-00XE Datasheet
654Kb / 2P
   Dual-Node 350mm Depth 4U Chassis for Half-Sized Slot SBC
9-May-2017
More results

Similar Description - ACP-4D00BP-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4D00 ADVANTECH-ACP-4D00 Datasheet
654Kb / 2P
   Dual-Node 350mm Depth 4U Chassis for Half-Sized Slot SBC
9-May-2017
ACP-4020 ADVANTECH-ACP-4020_14 Datasheet
1Mb / 2P
   348mm Depth 4U Rackmount Chassis for Half-sized SBC or ATX Motherboard
ACP-4020 ADVANTECH-ACP-4020 Datasheet
1Mb / 2P
   348mm Depth 4U Rackmount Chassis for Half-size SBC or ATX Motherboard
IPC-6806S-25DE ADVANTECH-IPC-6806S-25DE Datasheet
587Kb / 2P
   6-Slot Desktop/Wallmount Compact Chassis for Half-Sized Slot SBC
IPC-619 ADVANTECH-IPC-619_15 Datasheet
794Kb / 2P
   Short-depth 4U rackmount chassis for full-size SBC
IPC-619 ADVANTECH-IPC-619 Datasheet
738Kb / 2P
   Short-depth 4U rackmount chassis for full-size SBC
IPC-6806-25DE ADVANTECH-IPC-6806-25DE Datasheet
1Mb / 2P
   6-Slot Desktop/Wallmount Compact Chassis for Full/Half-Sized Slot SBC
IPC-941 ADVANTECH-IPC-941 Datasheet
1Mb / 2P
   348mm Depth 4U Rackmount Chassis for ATX Motherboard
30-Mar-2018
ACP-4340 ADVANTECH-ACP-4340 Datasheet
1Mb / 2P
   4U Rackmount Chassis for Full-size SHB/SBC
IPC-3026 ADVANTECH-IPC-3026 Datasheet
486Kb / 2P
   6-Slot Desktop/Wallmount Chassis for Half-Size SBC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com