Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1688ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1688ESA
Description  Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1688ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1688ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1688ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1688ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1688ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1688ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1688ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1688ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1688ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1688ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Step-Up DC-DC Converters with Precise,
Adaptive Current Limit for GSM
4
_______________________________________________________________________________________
_____________________________Typical Operating Characteristics (continued)
(VIN = +3.3V, VOUT = 5V, VLIM = 1V, Figures 6b and 7, TA = +25°C, unless otherwise noted.)
300
450
400
350
500
550
600
650
700
750
800
100
200
150
250
300
350
400
MAX1688
IPEAK vs. VOUT DROOP
VOUT DROOP (mV)
RCHG = 40.2k
0
800
700
600
500
400
300
200
100
15
20
25
30
35
40
MAX1688 PEAK INDUCTOR CURRENT
vs. RCHG (1A GSM LOAD)
RCHG (kΩ)
0
100
200
300
400
500
600
700
800
15
20
25
30
35
40
MAX1688 PEAK BATTERY CURRENT
vs. RCHG (1A GSM LOAD)
RCHG (kΩ)
1.5
2.5
2.0
3.5
3.0
4.0
4.5
-40
20
40
-20
0
60
80
100
TEMPERATURE (°C)
NO-LOAD BATTERY INPUT CURRENT vs.
TEMPERATURE (VOUT = 5V, VLIM = 1V )
VIN = 5V
VIN = 3.3V
VIN = 2.7V
VIN = 6V
REFERENCE VOLTAGE vs. REFERENCE
CURRENT (VIN = 3.3V, VOUT = 5V)
IREF (µA)
1.245
1.200
1
1000
100
10
1.215
1.205
1.235
1.225
1.250
1.220
1.210
1.240
1.230
1.245
1.247
1.249
1.251
1.253
TEMPERATURE (°C)
-40
20
40
-20
0
60
80
100
REFERENCE VOLTAGE vs. TEMPERATURE
(VIN = 3.3V, VOUT = 5V)
1200
0
1
10
100
SWITCHING FREQUENCY vs. INDUCTANCE
(VIN = 3.3V, VOUT = 5V,
ILOAD = 100mA, VLIM = 1V)
200
INDUCTANCE (
µH)
600
400
1000
800


Similar Part No. - MAX1688ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1688ESA MAXIM-MAX1688ESA Datasheet
235Kb / 12P
   Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
Rev 0; 2/99
More results

Similar Description - MAX1688ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1687 MAXIM-MAX1687 Datasheet
235Kb / 12P
   Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
Rev 0; 2/99
logo
National Semiconductor ...
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
National Semiconductor ...
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
logo
Linear Technology
LTC3125 LINER-LTC3125_15 Datasheet
313Kb / 18P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
National Semiconductor ...
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
ams AG
AS1326 AMSCO-AS1326_04 Datasheet
1Mb / 19P
   High Current, 0.8A DC-DC Step-Up Converters
AS1326 AMSCO-AS1326 Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com