Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-6650 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6650
Description  DC??0 GHz Variable Attenuator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6650 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMC-6650 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
OP AMP 1
insures that the attenuator maintains a good
input and output match to 50
Ω, while OP AMP 2 increases
the usable control voltage range versus using only direct
voltage ramps for V1 and V2 and improves over tempera-
ture operation.
If optimum VSWR is all that is required, OP AMP 2 may be
eliminated however, RL must remain connected to the
DCout
pad of the AMMC-6650 and the control voltage can be
applied directly to V2.
CAUTION:
Low voltage op-amps must be used so as not to
exceed the maximum limit of V1 and V2 control voltages.
As shown, a voltage reference (VREF) is fed to the reference
circuit DCin pad via a 500
Ωresistor,creatinga500Ωsource.
The reference circuit termination RL, is connected to the
DCout pad and ideally is also equal to 500
Ω. This voltage
is controlled in parallel with the RF attenuator. The chosen
value of VREF must be low enough to avoid modifying the
FET biasing and lower than the turn-on voltage of the ESD
protection diode but high enough such that the attenuat-
ed voltage at OP AMP 2 is usable compared to input offsets
etc. The optimum value for the positive reference voltage
is approximately 0.1 to 0.4 V.
At equilibrium, the voltages at nodes A and B of the OP AMP 1
must be equal which implies that the input impedance
to the DC reference circuit is equal to RREF. When V2 is
changed to a lower value, the voltage at node A becomes
greater than that of node B. This voltage difference causes
the output voltage of op OP AMP 1 to move toward its
positive rail until equilibrium is once again established.
When V2 is changed to a higher value the voltage at node
A becomes less than that of node B and the output voltage
of OP AMP 1 will swing toward its negative rail until equi-
librium is reached. If the reference circuit precisely tracks
the RF circuit, the voltage output of OP AMP 1 at equilibrium
insures that the RF circuit is matched to 50
Ω.
If attenuation linearity is required, OP AMP 2 is included
as shown in Figure 14 and a positive control voltage is
applied to VCONTROL.
At equilibrium, voltages at nodes C and D are equal.
When VCONTROL is changed, the output of OP AMP 2 adjusts
to a value that forces the voltage at node C to equal the
voltage at node D. Therefore, the output voltage of the
DC reference circuit is proportional to VCONTROL. The input
voltage to the reference circuit is being held constant and
the log(VCONTROL) is proportional to the reference circuit
attenuation 20log(DCout/DCin).
If the FET parameters of the DC reference circuit track the
FET parameters of the RF circuit, the voltage output of the
RF circuit is also proportional to the control voltage. This
translates to a linear relationship between the attenuation
(in dB) and the log(VCONTROL).
Two RF attenuation vs voltage curves corresponding
to different values of VREF are shown in Figure 15. These
curves were obtained by using the driver circuit shown in
Figure 14 and the VREF values 0.1 V and 0.4 V.
Values for RL, R1 and R2 were 500
Ω, 10 kΩ and 100Ω re-
spectively. Control voltage ranged from 4.5 V to 0 V.
Because the FETs in the DC circuit are not identical to
those in the RF circuit, the DC circuit does not exactly track
the RF circuit. This results in attenuation vs. voltage curves
that are not exactly linear.
OP AMP 2
provides temperature compensation by adjusting
V2 in such a way as to keep voltage at point C equal to
that point D. If the attenuation changes over tempera-
ture, voltage at point C tries to change, but is corrected
by OP AMP 2.
Another way to improve performance of the attenuator
driver circuit is to adjust RL and RREF. If the reference circuit
precisely tracked the RF circuit and the ON resistance
of the FETs was zero ohms, then RL and RREF would be
exactly 500
Ω. Due to the difference in layout structures,
the reference circuit does not track the RF circuit precisely.
RL and RREF can be adjusted in order to compensate for
these differences. Optimum values of RL and RREF have
been found to be between 500
Ω and 650Ω.
For maximum dynamic range on the attenuation control
circuit, RL should be less than RREF by an amount equal
to the “ON resistance” of the reference circuit series FETs.
The “ON resistance” of the series FETs is about 95
Ω total.
Therefore, the relationship between RL and RREF is as
follows:
RREF = RL + 95Ω
The voltage divider formed by R1 and R2 can be used
to adjust the sensitivity of the attenuator versus control
voltage. For the driver circuit shown in Figure 14, maximum
attenuation is always achieved by setting VCONTROL equal
to 0 V. Minimum attenuation is achieved when
Vcontrol
x
x Vref
or
Vcontrol
x DCout
Therefore, an increase in the resistor ratio R1/R2 increases
the value of the control voltage required to produce
minimum attenuation.
R1 + R2
R2
RL
500
Ω + RL
R1
R2
1 +


Similar Part No. - AMMC-6650

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6650 BOARDCOM-AMMC-6650 Datasheet
204Kb / 10P
   DC??0 GHz Variable Attenuator
AMMC-6650-W10 BOARDCOM-AMMC-6650-W10 Datasheet
204Kb / 10P
   DC??0 GHz Variable Attenuator
AMMC-6650-W50 BOARDCOM-AMMC-6650-W50 Datasheet
204Kb / 10P
   DC??0 GHz Variable Attenuator
More results

Similar Description - AMMC-6650

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6650 BOARDCOM-AMMC-6650 Datasheet
204Kb / 10P
   DC??0 GHz Variable Attenuator
AMMC-6640 BOARDCOM-AMMC-6640 Datasheet
766Kb / 10P
   DC-50 GHz Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6640 AVAGO-AMMC-6640 Datasheet
766Kb / 10P
   DC-50 GHz Variable Attenuator
logo
Agilent(Hewlett-Packard...
HMMC-1002 HP-HMMC-1002 Datasheet
99Kb / 8P
   DC- 50 GHz Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6640 AVAGO-AMMP-6640 Datasheet
402Kb / 8P
   DC-40 GHz Variable Attenuator
AMMP-6650 AVAGO-AMMP-6650 Datasheet
350Kb / 9P
   DC ??30 GHz Variable Attenuator
logo
Broadcom Corporation.
AMMP-6650 BOARDCOM-AMMP-6650 Datasheet
350Kb / 9P
   DC ??30 GHz Variable Attenuator
AMMP-6640 BOARDCOM-AMMP-6640 Datasheet
402Kb / 8P
   DC-40 GHz Variable Attenuator
logo
Qorvo, Inc
CMD285C3 QORVO-CMD285C3 Datasheet
521Kb / 16P
   DC-20 GHz Voltage-Variable Attenuator
May 5, 2021
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
   DC-20 GHz Voltage-Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com