Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-6640 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6640
Description  DC-50 GHz Variable Attenuator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6640 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6640 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Figure 7a and 7b. Attenuation vs Frequency and Insertion Loss vs Frequency
Figure 8. S11 vs Frequency
AMMC-6640 Typical Performance (TA = 25°C, Zin = Zout = 50 Ω)
Figure 9. S22 vs Frequency
Attenuation
(dB)
0
2
4
6
8
10
12
14
16
18
20
22
max
(V)
0
0.325
0.383
0.416
0.440
0.465
0.480
0.505
0.535
0.575
0.650
0.845
1.2
Vshunt
Vseries
(V)
1.2
0.440
0.435
0.430
0.420
0.410
0.400
0.385
0.375
0.360
0.350
0.346
0
5
10
15
20
25
30
35
40
45
0
50
2
4
6
8
10
12
14
16
18
20
22
24
0
26
Frequency (GHz)
5
10
15
20
25
30
35
40
45
0
50
-30
-25
-20
-15
-10
-5
-35
0
freq, GHz
5
10
15
20
25
30
35
40
45
0
50
-30
-25
-20
-15
-10
-5
-35
0
freq, GHz
5
10
15
20
25
30
35
40
45
0
50
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
-30
0
Frequency (GHz)
MIN
MAX
MIN
MAX


Similar Part No. - AMMC-6640

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6640 BOARDCOM-AMMC-6640 Datasheet
766Kb / 10P
   DC-50 GHz Variable Attenuator
More results

Similar Description - AMMC-6640

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6640 BOARDCOM-AMMC-6640 Datasheet
766Kb / 10P
   DC-50 GHz Variable Attenuator
logo
Agilent(Hewlett-Packard...
HMMC-1002 HP-HMMC-1002 Datasheet
99Kb / 8P
   DC- 50 GHz Variable Attenuator
logo
Broadcom Corporation.
AMMC-6650 BOARDCOM-AMMC-6650 Datasheet
204Kb / 10P
   DC??0 GHz Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6650 AVAGO-AMMC-6650 Datasheet
204Kb / 10P
   DC??0 GHz Variable Attenuator
AMMP-6640 AVAGO-AMMP-6640 Datasheet
402Kb / 8P
   DC-40 GHz Variable Attenuator
AMMP-6650 AVAGO-AMMP-6650 Datasheet
350Kb / 9P
   DC ??30 GHz Variable Attenuator
logo
Broadcom Corporation.
AMMP-6650 BOARDCOM-AMMP-6650 Datasheet
350Kb / 9P
   DC ??30 GHz Variable Attenuator
AMMP-6640 BOARDCOM-AMMP-6640 Datasheet
402Kb / 8P
   DC-40 GHz Variable Attenuator
logo
Qorvo, Inc
CMD285C3 QORVO-CMD285C3 Datasheet
521Kb / 16P
   DC-20 GHz Voltage-Variable Attenuator
May 5, 2021
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
   DC-20 GHz Voltage-Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com