Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-6630 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6630
Description  5 ??45 GHz Variable Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6630 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMC-6630 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AMMC-6630 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Names and Contents of the Toxic and Hazardous Substances or Elements in the Products
Part Name
Lead
(Pb)
(Pb)
Mercury
(Hg)
Hg
Cadmium
(Cd)
Cd
Hexavalent
(Cr(VI))
Cr(VI)
Polybrominated
biphenyl (PBB)
PBB
Polybrominated
diphenylether (PBDE)
PBDE
100pF capacitor
: indicates that the content of the toxic and hazardous substance in all the homogeneous materials of the part is
below the concentration limit requirement as described in SJ/T 11363-2006.
: indicates that the content of the toxic and hazardous substance in at least one homogeneous material of the part
exceeds the concentration limit requirement as described in SJ/T 11363-2006.
(The enterprise may further explain the technical reasons for the “x” indicated portion in the table in accordance with
the actual situations.)
SJ/T 11363-2006
SJ/T 11363-2006
“×”
Note: EU RoHS compliant under exemption clause of “lead in electronic ceramic parts (e.g. piezoelectronic devices)”
Toxic and Hazardous Substances or Elements
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2009 Avago Technologies. All rights reserved.
AV02-1754EN - August 12, 2009


Similar Part No. - AMMC-6630

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6630 BOARDCOM-AMMC-6630 Datasheet
932Kb / 11P
   5 ??45 GHz Variable Attenuator
More results

Similar Description - AMMC-6630

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6630 BOARDCOM-AMMC-6630 Datasheet
932Kb / 11P
   5 ??45 GHz Variable Attenuator
AMMP-6630 BOARDCOM-AMMP-6630 Datasheet
307Kb / 6P
   5 ??30 GHz Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6630 AVAGO-AMMP-6630 Datasheet
307Kb / 6P
   5 ??30 GHz Variable Attenuator
logo
United Monolithic Semic...
CHT4694-99F UMS-CHT4694-99F_15 Datasheet
577Kb / 14P
   25-45 GHz Attenuator
logo
Hittite Microwave Corpo...
HMC712 HITTITE-HMC712 Datasheet
322Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
logo
Analog Devices
HMC712ALP3CE AD-HMC712ALP3CE Datasheet
776Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Hittite Microwave Corpo...
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712LP3CE HITTITE-HMC712LP3CE_10 Datasheet
656Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Analog Devices
HMC812A AD-HMC812A_16 Datasheet
1Mb / 9P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com