Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-6345 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6345
Description  20 ??45 GHz Driver Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6345 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6345_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Gain at 30 GHz
P-1dB at 30 GHz
Typical distribution of Small Signal Gain and Output Power @P-1dB. Based on 1500 part sampled over several produc-
tion lots.
P-1dB at 38 GHz
LSL
18
19
20
LSL
22.6 22.7 22.8 22.9 23 23.1 23.2 23.3 23.4
LSL
23
24
MTTF vs. Tchannel Temperature
Operation
60% Confidence Level
90% Confidence Level
Point Data R=
Tj
λ (ФIT)
MTTF (hrs)
λ (ФIT)
MTTF (hrs)
λ (ФIT)
MTTF (Yrs)
150
3511
2.8E+05
8822
1.1E+05
3831
2.6E+05
140
1298
7.7E+05
3260
3.1E+05
1416
7.1E+05
130
456
2.2E+06
1147
8.7E+05
498
2.0E+05
120
152
6.6E+06
382
2.6E+06
166
6.0E+06
110
48
2.1E+07
120
8.3E+06
52
1.9E+06
100
14
7.0E+07
36
2.8E+07
15
6.5E+07
90
4
2.5E+08
10
1.0E+08
4
2.3E+08
80
1
9.9E+08
3
3.9E+08
1
9.1E+08
70
0
4.2E+09
1
1.7E+09
0
3.8E+09
60
0
1.9E+10
0
7.6E+09
0
1.7E+10
50
0
9.6E+10
0
3.8E+10
0
8.8E+10
AMMC-6345 RF Specifications [1,2]( TA= 25°C, Vd=5V, Id(Q)=480 mA, Zo=50
:)
Symbol
Parameters and Test Conditions
Units
Minimum
Typical
Maximum
Sigma
Gain
Small-signal Gain[2]
dB
18
0.28
P-1dB
Output Power at 1dB Gain Compression
dBm
22.5
24
0.20
P-3dB
Output Power at 3dB Gain Compression
dBm
25
0.17
OIP3
Third Order Intercept Point;
'f=100MHz; Pin=-20dBm
dBm
32
0.8
RLin
Input Return Loss[2]
dB
-17
0.92
RLout
Output Return Loss[2]
dB
-13
0.63
Isolation
Min. Reverse Isolation
dB
-40
1.30
Notes:
1. Small/Large -signal data measured in wafer form TA = 25°C.
2. 100% on-wafer RF test is done at frequency = 25, 30, and 38 GHz. Statistics based on 1500 part sample


Similar Part No. - AMMC-6345_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345-W10 AVAGO-AMMC-6345-W10 Datasheet
520Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345-W10 BOARDCOM-AMMC-6345-W10 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345-W50 AVAGO-AMMC-6345-W50 Datasheet
520Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345-W50 BOARDCOM-AMMC-6345-W50 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
More results

Similar Description - AMMC-6345_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
   20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
   20-45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
   20-45 GHz GaAs Amplifier
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
   32 - 45 GHz Wide Band Driver Amplifier
logo
Qorvo, Inc
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
   2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
   2-20 GHz Driver Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com