Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-6120 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6120
Description  Active Frequency Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6120 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6120 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
0
2
4
6
8
10
12
14
16
18
20
-11
-9
-7
-5
-3
-1
13579
11
Input Power [1H] (dBm)
Vg=-1.2V, Vd=4.5V
Vg=-1.2V, Vd=5.0V
Vg=-1.4V, Vd=4.5V
Vg=-1.4V, Vd=5.0V
Fout=16GHz
10
15
20
25
30
35
-11
-9
-7
-5
-3
-1
1
357
911
Input Power [1H] (dBm)
Vg=-1.2V, Vd=4.5V
Vg=-1.2V, Vd=5.0V
Vg=-1.4V, Vd=4.5V
Vg=-1.4V, Vd=5.0V
Fout=16GH
0
2
4
6
8
10
12
14
16
18
20
-11
-9
-7
-5
-3
-1
1357
911
Input Power [1H] (dBm)
Vg=-1.2V, Vd=4.5V
Vg=-1.2V, Vd=5.0V
Vg=-1.4V, Vd=4.5V
Vg=-1.4V, Vd=5.0V
Fout=20GHz
0
2
4
6
8
10
12
14
16
18
20
-11
-9
-7
-5
-3
-1
13
57
911
Input Power [1H] (dBm)
Vg=-1.2V, Vd=4.5V
Vg=-1.2V, Vd=5.0V
Vg=-1.4V, Vd=4.5V
Vg=-1.4V, Vd=5.0V
Fout=22GHz
5
10
15
20
25
30
35
-11
-9
-7
-5
-3
-1
13
57
911
Input Power [1H] (dBm)
Vg=-1.2V, Vd=4.5V
Vg=-1.2V, Vd=5.0V
Vg=-1.4V, Vd=4.5V
Vg=-1.4V, Vd=5.0V
Fout=20GHz
5
10
15
20
25
30
35
-11
-9
-7
-5
-3
-1
135
79
11
Input Power [1H] (dBm)
Vg=-1.2V, Vd=4.5V
Vg=-1.2V, Vd=5.0V
Vg=-1.4V, Vd=4.5V
Vg=-1.4V, Vd=5.0V
Fout=22GHz
Figure 15. 2H Output Power Vs Input Power @ Fout=20GHz
Figure 17. 2H Output Power Vs Input Power @ Fout=22GHz
Figure 14. Fundamental Supp. Vs Input Power @ Fout=16GHz
Figure 13. 2H Output Power Vs Input Power @ Fout=16GHz
Figure 16. Fundamental Supp. Vs Input Power @ Fout=20GHz
Figure 18. Fundamental Supp. Vs Input Power @ Fout=22GHz


Similar Part No. - AMMC-6120

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6120 BOARDCOM-AMMC-6120 Datasheet
200Kb / 8P
   8 ??24 GHz Output 횞 2 Active Frequency Multiplier
AMMC-6120-W10 BOARDCOM-AMMC-6120-W10 Datasheet
200Kb / 8P
   8 ??24 GHz Output 횞 2 Active Frequency Multiplier
AMMC-6120-W50 BOARDCOM-AMMC-6120-W50 Datasheet
200Kb / 8P
   8 ??24 GHz Output 횞 2 Active Frequency Multiplier
More results

Similar Description - AMMC-6120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6140 AVAGO-AMMC-6140_15 Datasheet
424Kb / 6P
   20??0 GHz Output x2 Active Frequency Multiplier
logo
Analog Devices
HMC695LP4 AD-HMC695LP4 Datasheet
428Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6140 AVAGO-AMMC-6140 Datasheet
424Kb / 6P
   20??0 GHz Output x2 Active Frequency Multiplier
logo
Broadcom Corporation.
AMMC-6140 BOARDCOM-AMMC-6140 Datasheet
424Kb / 6P
   20??0 GHz Output x2 Active Frequency Multiplier
logo
Analog Devices
ADH814S AD-ADH814S Datasheet
737Kb / 8P
   13 to 24.6 GHz Output x2 Active Frequency Multiplier
Rev. A
logo
Broadcom Corporation.
AMMC-6120 BOARDCOM-AMMC-6120 Datasheet
200Kb / 8P
   8 ??24 GHz Output 횞 2 Active Frequency Multiplier
logo
Analog Devices
ADH561S AD-ADH561S Datasheet
723Kb / 8P
   8 to 21 GHz Output x2 Active Frequency Multiplier
Rev. A
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com