Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-5620 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5620
Description  6 - 20 GHz High Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5620 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5620_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Figure 10. Output Return Loss and Voltage
Figure 11. Output Power and Voltage
Figure 12. Gain and Temperature
Figure 13. Isolation and Temperature
Figure 14. Input Return Loss and Tem-
perature
AMMC-5620 Typical Performance vs. Temperature (VDD = 5V, Zo=50Ω)
AMMC-5620 Typical Performances vs. Supply Voltage (cont.) (Tb = 25°C, Zo=50Ω)
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-10
-20
-30
-40
Vdd=4V
Vdd=5V
Vdd=6V
FREQUENCY (GHz)
4
7
10
13
16
19
22
20
16
12
8
4
0
Vdd=4V
Vdd=5V
Vdd=6V
FREQUENCY (GHz)
4
7
10
13
16
19
22
24
20
16
12
8
4
0
-40 C
25 C
85 C
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-10
-20
-30
-40
-50
-60
-70
-40 C
25 C
85 C
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-10
-20
-30
-40
-40 C
25 C
85 C
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-5
-10
-15
-20
-25
-30
-35
-40 C
25 C
85 C
FREQUENCY (GHz)
4
7
10
13
16
19
22
7
6
5
4
3
2
1
0
-40 C
25 C
85 C
FREQUENCY (GHz)
4
7
10
13
16
19
22
18
15
12
9
6
3
0
-40 C
25 C
85 C
Figure 15. Output Return Loss and Tem-
perature
Figure 16. Noise Figure and Temperature
Figure 17. Output Power and Temperature


Similar Part No. - AMMC-5620_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620-W10 AVAGO-AMMC-5620-W10 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5620-W10 HP-AMMC-5620-W10 Datasheet
201Kb / 9P
   Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620-W10 BOARDCOM-AMMC-5620-W10 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620-W50 AVAGO-AMMC-5620-W50 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5620-W50 HP-AMMC-5620-W50 Datasheet
201Kb / 9P
   Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
More results

Similar Description - AMMC-5620_15

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620_13 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMC-5620 HP-AMMC-5620 Datasheet
201Kb / 9P
   Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
   6 - 20 GHz Amplifier
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
   6-20 GHz Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com