Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1678EUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1678EUA
Description  1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1678EUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1678EUA Datasheet HTML 1Page - Maxim Integrated Products MAX1678EUA Datasheet HTML 2Page - Maxim Integrated Products MAX1678EUA Datasheet HTML 3Page - Maxim Integrated Products MAX1678EUA Datasheet HTML 4Page - Maxim Integrated Products MAX1678EUA Datasheet HTML 5Page - Maxim Integrated Products MAX1678EUA Datasheet HTML 6Page - Maxim Integrated Products MAX1678EUA Datasheet HTML 7Page - Maxim Integrated Products MAX1678EUA Datasheet HTML 8Page - Maxim Integrated Products MAX1678EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1-Cell to 2-Cell, Low-Noise,
High-Efficiency, Step-Up DC-DC Converter
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VBATT = VSHDN = 1.3V, ILOAD = 0, FB = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
VPFI = 650mV, VPFO = 6V
VPFI = 0, VOUT = 3.3V, ISINK = 1mA
VPFI = 650mV
Falling PFI hysteresis 2%
VFB = 1.3V
VBATT = 1V
VOUT = 3.5V
VOUT = 3.3V
VOUT = 3.3V
VFB < 0.1V
External feedback
VOUT = 3.5V
External feedback
0.9V < VBATT < 3.3V (tON = K / VBATT)
CONDITIONS
V
0.8 x VBATT
VIH
SHDN Input High Voltage
V
0.2 x VBATT
VIL
SHDN Input Low Voltage
µA
1
PFO Leakage Current
V
0.4
VOL
PFO Low Output Voltage
nA
10
PFI Input Current
mV
580
642
VIL,PFI
PFI Trip Voltage
nA
10
FB Input Current
µA
3.5
ISHDN,BATT
Shutdown Current into BATT
µA
1
ISHDN,OUT
Shutdown Current into OUT
µA
8
IQ,BATT
Quiescent Current into BATT
µA
65
IQ,OUT
Quiescent Current into OUT
V-µs
5.60
11.2
K
On-Time Constant
V
5.5
VBATT(MAX)
Maximum Operating Input
Voltage
2.2
P-Channel On-Resistance
1.5
N-Channel On-Resistance
V
3.12
3.48
VOUT
Output Voltage (Fixed Mode)
V
2.0
5.5
Output Voltage Range
(Adjustable Mode)
V
1.17
1.28
VFB
FB Set Voltage
UNITS
MIN
MAX
SYMBOL
PARAMETER
SHDN = GND or BATT
nA
10
SHDN Input Current
Note 2: Start-up is guaranteed by correlation to measurements of device parameters (i.e., switch on-resistance, on-time, off-time,
and output voltage trip point).
Note 3: Specifications to -40°C are guaranteed by design and not production tested.


Similar Part No. - MAX1678EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672 MAXIM-MAX1672 Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672C/D MAXIM-MAX1672C/D Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672C/D MAXIM-MAX1672C/D Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672EEE MAXIM-MAX1672EEE Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
More results

Similar Description - MAX1678EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
   1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
   1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com