Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1674EUA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1674EUA
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1674EUA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1674EUA Datasheet HTML 4Page - Maxim Integrated Products MAX1674EUA Datasheet HTML 5Page - Maxim Integrated Products MAX1674EUA Datasheet HTML 6Page - Maxim Integrated Products MAX1674EUA Datasheet HTML 7Page - Maxim Integrated Products MAX1674EUA Datasheet HTML 8Page - Maxim Integrated Products MAX1674EUA Datasheet HTML 9Page - Maxim Integrated Products MAX1674EUA Datasheet HTML 10Page - Maxim Integrated Products MAX1674EUA Datasheet HTML 11Page - Maxim Integrated Products MAX1674EUA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Selecting the Output Voltage
VOUT can be set to 3.3V or 5.0V by connecting the FB
pin to GND (5V) or OUT (3.3V) (Figures 5 and 6).
To adjust the output voltage, connect a resistor-divider
from VOUT to FB to GND (Figure 7). Choose a value
less than 260k
Ω for R6. Use the following equation to
calculate R5:
R5 = R6 [(VOUT / VREF ) - 1]
where VREF = +1.3V and VOUT may range from 2V to
5V. The input bias current of FB has a maximum value
of 50nA which allows large-value resistors (R6
≤ 260kΩ)
to be used.
Low-Battery Detection
The MAX1674/MAX1675/MAX1676 contain an on-chip
comparator for low-battery detection. If the voltage at
LBI falls below the internal reference voltage (1.30V),
LBO (an open-drain output) sinks current to GND. The
low-battery monitor threshold is set by two resistors, R3
and R4 (Figures 5, 6, and 7). Since the LBI current is
less than 50nA, large resistor values (R4
≤ 260kΩ) can
be used to minimize loading of the input supply.
Calculate R3 using the following equation:
R3 = R4 [(VTRIP / VREF) - 1]
for VTRIP
≥ 1.3V. VTRIP is the level where the low-battery
detector output goes low, and VREF is the internal
1.30V reference. Connect a pull-up resistor of 100k
Ω or
greater from LBO to OUT when driving CMOS circuits.
LBO is an open-drain output, and can be pulled as
high as 6V regardless of the voltage at OUT. When LBI
is above the threshold, the LBO output is high imped-
ance. If the low-battery comparator is not used, ground
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
_______________________________________________________________________________________
9
MAX1674
MAX1675
MAX1676
BATT
(MAX1676)
VIN
LBI
REF
GND
R3
R1
200
R4
R2
100k
47
µF
22
µH
0.1
µF
LX
LBO
0.1
µF
47
µF
OUTPUT
+3.3V
VOUT
LOW-BATTERY
OUTPUT
FB
SHDN
OUT
CLSEL
(MAX1676)
Figure 5. Preset Output Voltage of +3.3V
MAX1674
MAX1675
MAX1676
BATT
(MAX1676)
VIN
LBI
REF
GND
R6
R5
R3
R1
200
R4
R2
100k
22
µH
47
µF
0.1
µF
LX
LBO
OUTPUT
2V to 5.5V
FB
SHDN
OUT
CLSEL
(MAX1676)
LOW-
BATTERY
OUTPUT
0.1
µF
47
µF
Figure 7. Setting an Adjustable Output
MAX1674
MAX1675
MAX1676
BATT
(MAX1676)
VIN
LBI
REF
GND
R3
R1
200
R4
R2
100k
22
µH
47
µF
0.1
µF
LX
LBO
0.1
µF
47
µF
OUTPUT
5.0V
FB
SHDN
OUT
CLSEL
(MAX1676)
LOW-
BATTERY
OUTPUT
Figure 6. Preset Output Voltage of +5V


Similar Part No. - MAX1674EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672 MAXIM-MAX1672 Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672C/D MAXIM-MAX1672C/D Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672C/D MAXIM-MAX1672C/D Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672EEE MAXIM-MAX1672EEE Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
More results

Similar Description - MAX1674EUA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Maxim Integrated Produc...
MAX1795 MAXIM-MAX1795 Datasheet
397Kb / 13P
   Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
19-1798; Rev 0; 12/00
logo
ams AG
AS1326 AMSCO-AS1326_04 Datasheet
1Mb / 19P
   High Current, 0.8A DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com