Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1675 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1675
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1675 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1675 Datasheet HTML 4Page - Maxim Integrated Products MAX1675 Datasheet HTML 5Page - Maxim Integrated Products MAX1675 Datasheet HTML 6Page - Maxim Integrated Products MAX1675 Datasheet HTML 7Page - Maxim Integrated Products MAX1675 Datasheet HTML 8Page - Maxim Integrated Products MAX1675 Datasheet HTML 9Page - Maxim Integrated Products MAX1675 Datasheet HTML 10Page - Maxim Integrated Products MAX1675 Datasheet HTML 11Page - Maxim Integrated Products MAX1675 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LBI and LBO. For VTRIP less than 1.3V, configure the
comparator as shown in Figure 8. Calculate the value of
the external resistors R3 and R4 as follows:
R3 = R4(VREF - VTRIP) / (VOUT - VREF)
Since the low-battery comparator is noninverting, exter-
nal hysteresis can be added by connecting a resistor
between LBO and LBI as shown in Figure 9. When LBO
is high, the series combination of R2 and R7 source
current into the LBI summing junction.
Applications Information
Inductor Selection
An inductor value of 22µH performs well in most appli-
cations. The MAX1674/MAX1675/MAX1676 will also
work with inductors in the 10µH to 47µH range. Smaller
inductance values typically offer a smaller physical size
for a given series resistance, allowing the smallest
overall circuit dimensions. However, due to higher peak
inductor currents, the output voltage ripple (IPEAK x
output filter capacitor ESR) also tends to be higher.
Circuits using larger inductance values exhibit higher
output current capability and larger physical dimen-
sions for a given series resistance. The inductor’s incre-
mental saturation current rating should be greater than
the peak switch-current limit, which is 1A for the
MAX1674, 500mA for the MAX1675, and 1A or 0.5A for
the MAX1676. However, it is generally acceptable to
bias the inductor into saturation by as much as 20%,
although this will slightly reduce efficiency. Table 1 lists
suggested components.
The inductor’s DC resistance significantly affects effi-
ciency. See Table 2 for a comparison of inductor speci-
fications. Calculate the maximum output current as
follows:
where IOUT(MAX) = maximum output current in amps
VIN = input voltage
L = inductor value in µH
η = efficiency (typically 0.9)
tOFF = LX switch’s off-time in µs
ILIM = 0.5A or 1.0A
I
V
V
It
VV
xL
OUT MAX
IN
OUT
LIM
OFF
OUT
IN
() =
2
η
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
10
______________________________________________________________________________________
MAX1674
MAX1675
MAX1676
BATT
(MAX1676)
VIN
LBI
REF
GND
R3
R1
200
R4
22
µH
47
µF
0.1
µF
LX
LBO
VOUT
FB
R2
100k
SHDN
OUT
CLSEL
(MAX1676)
LOW-
BATTERY
OUTPUT
0.1
µF
47
µF
Figure 8. Setting Resistor Values for the Low-Battery Indicator
when VIN < 1.3V
MAX1674
MAX1675
MAX1676
LBI
GND
VTRIP (VH, VL)
R3
R4
R7
VH IS THE UPPER TRIP LEVEL
VL IS THE LOWER TRIP LEVEL
WHERE
R2
100k
LBO
OUT
VOUT
0.1
µF
47
µF
V
= 1.3V
V
= 1.3V
H
L
() ++
() +−
+
(
.
)
(.
) (
)
1
3
7
3
4
1
3
4
13
3
13
2
7
R
R
R
R
R
R
VV R
VR
R
OUT
Figure 9. Adding External Hysteresis to the Low-Battery
Indicator


Similar Part No. - MAX1675

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672 MAXIM-MAX1672 Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672C/D MAXIM-MAX1672C/D Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672C/D MAXIM-MAX1672C/D Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672EEE MAXIM-MAX1672EEE Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
More results

Similar Description - MAX1675

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Maxim Integrated Produc...
MAX1795 MAXIM-MAX1795 Datasheet
397Kb / 13P
   Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
19-1798; Rev 0; 12/00
logo
ams AG
AS1326 AMSCO-AS1326_04 Datasheet
1Mb / 19P
   High Current, 0.8A DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com