Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1666V Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1666V
Description  Advanced Lithium-Ion Battery-Pack Protector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1666V Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1666V Datasheet HTML 1Page - Maxim Integrated Products MAX1666V Datasheet HTML 2Page - Maxim Integrated Products MAX1666V Datasheet HTML 3Page - Maxim Integrated Products MAX1666V Datasheet HTML 4Page - Maxim Integrated Products MAX1666V Datasheet HTML 5Page - Maxim Integrated Products MAX1666V Datasheet HTML 6Page - Maxim Integrated Products MAX1666V Datasheet HTML 7Page - Maxim Integrated Products MAX1666V Datasheet HTML 8Page - Maxim Integrated Products MAX1666V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Advanced Lithium-Ion
Battery-Pack Protector
4
_______________________________________________________________________________________
CONDITIONS
No faults; V DSO, V CGO, VUVO = 1V to 27V
V DSO = V SRC - 4V and V CGO = V SRC - 4V,
fault condition
V DSO = V CGO = VUVO = 27V, fault condition
ms
1.6
3.2
tI-DELAY
Overdischarge/Overcharge
Current Fault Blanking Time
ms
330
770
tP-DELAY
mV
All cells > 2V, MMA = REF
-220
-180
PKN to GND Overcharge
Current Threshold
Overcurrent Fault Timer Delay
µA
20
40
DSO, CGO UVO Output Sink
Current
mA
2
DSO, CGO Output Source
Current
µA
0.2
DSO, CGO, UVO Leakage
Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
mV
±450
±550
Cell Mismatch Threshold
mV
270
330
PKN to GND Overdischarge
Current Threshold
VDSI = VCGI = 5V
Referenced to PKN
Referenced to PKN
Fault condition, V WRN = 0.4V
Fault condition, V PKF = 0.4V
V PKF = V WRN = 27V
µA
1
DSI, CGI Input Current
V
0.45
V
2
TKO = GND
DSI, CGI Input High Voltage
DSI, CGI Input Low Voltage
mA
2
WRN Sink Current
mA
4
PKF Sink Current
µA
0.2
PKF, WRN Leakage Current
k
100
TKO Pull-Down Resistance
mA
1
TKO Source Current
Fault persistent for 4 consecutive sample
periods
ms
180
460
tF-DELAY
Undervoltage, Overvoltage, or
Mismatch Fault, to DSO, CGO,
TKO Transition Delay
Note 1: Specifications to -40°C are guaranteed by design, not production tested.
ELECTRICAL CHARACTERISTICS
(VSRC = 16V, each cell voltage VCELL = 3.6V, 330kΩ load at REF, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX1666V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666V MAXIM-MAX1666V Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
MAX1666VEEP MAXIM-MAX1666VEEP Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results

Similar Description - MAX1666V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Shenzhen Huazhimei Semi...
HM5410G HMSEMI-HM5410G Datasheet
625Kb / 13P
   1 lithium-ion rechargeable battery pack
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A_07 Datasheet
209Kb / 9P
   Advanced Lithium-Ion Linear Battery Charger
logo
Texas Instruments
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com