Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1668MEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1668MEE
Description  Multichannel Remote/Local Temperature Sensors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1668MEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1668MEE Datasheet HTML 1Page - Maxim Integrated Products MAX1668MEE Datasheet HTML 2Page - Maxim Integrated Products MAX1668MEE Datasheet HTML 3Page - Maxim Integrated Products MAX1668MEE Datasheet HTML 4Page - Maxim Integrated Products MAX1668MEE Datasheet HTML 5Page - Maxim Integrated Products MAX1668MEE Datasheet HTML 6Page - Maxim Integrated Products MAX1668MEE Datasheet HTML 7Page - Maxim Integrated Products MAX1668MEE Datasheet HTML 8Page - Maxim Integrated Products MAX1668MEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
________________General Description
The MAX1668/MAX1805/MAX1989 are precise multi-
channel digital thermometers that report the tempera-
ture of all remote sensors and their own packages. The
remote sensors are diode-connected transistors—typi-
cally low-cost, easily mounted 2N3904 NPN types—that
replace conventional thermistors or thermocouples.
Remote accuracy is ±3°C for multiple transistor manu-
facturers, with no calibration needed. The remote chan-
nels can also measure the die temperature of other ICs,
such as microprocessors, that contain an on-chip,
diode-connected transistor.
The 2-wire serial interface accepts standard system
management bus (SMBus™) write byte, read byte, send
byte, and receive byte commands to program the alarm
thresholds and to read temperature data. The data for-
mat is 7 bits plus sign, with each bit corresponding to
1°C, in two’s-complement format.
The MAX1668/MAX1805/MAX1989 are available in
small, 16-pin QSOP surface-mount packages. The
MAX1989 is also available in a 16-pin TSSOP.
________________________Applications
____________________________Features
o Multichannel
4 Remote, 1 Local (MAX1668/MAX1989)
2 Remote, 1 Local (MAX1805)
o No Calibration Required
o SMBus 2-Wire Serial Interface
o Programmable Under/Overtemperature Alarms
o Supports SMBus Alert Response
o Accuracy
±2°C (+60°C to +100°C, Local)
±3°C (-40°C to +125°C, Local)
±3°C (+60°C to +100°C, Remote)
o 3µA (typ) Standby Supply Current
o 700µA (max) Supply Current
o Small, 16-Pin QSOP/TSSOP Packages
Multichannel Remote/Local
Temperature Sensors
________________________________________________________________ Maxim Integrated Products
1
SMBCLK
ADD0 ADD1
VCC
STBY
GND
ALERT
SMBDATA
DXP1
DXP4
DXN4
INTERRUPT
TO
µC
3V TO 5.5V
200
0.1
µF
CLOCK
10k
Ω EACH
DATA
DXN1
2200pF
2200pF
* DIODE-CONNECTED TRANSISTOR
*
*
MAX1668
MAX1805
MAX1989
Pin Configuration
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DXP1
GND
STBY
SMBCLK
SMBDATA
ALERT
ADD0
ADD1
VCC
TOP VIEW
MAX1668
MAX1805
MAX1989
QSOP/TSSOP
DXN1
DXP2
(N.C.) DXN3
DXN2
(N.C.) DXP3
(N.C.) DXP4
( ) ARE FOR MAX1805.
(N.C.) DXN4
Typical Operating Circuit
19-1766; Rev 2; 5/03
PART
MAX1668MEE
-55°C to +125°C
TEMP RANGE
PIN-PACKAGE
16 QSOP
_______________Ordering Information
SMBus is a trademark of Intel Corp.
†Patents Pending
MAX1805MEE
-55°C to +125°C
16 QSOP
Desktop and Notebook
Computers
LAN Servers
Industrial Controls
Central-Office Telecom
Equipment
Test and Measurement
Multichip Modules
MAX1989MEE
-55°C to +125°C
16 QSOP
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
MAX1989MUE
-55°C to +125°C
16 TSSOP


Similar Part No. - MAX1668MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1668MEE MAXIM-MAX1668MEE Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
MAX1668MEE MAXIM-MAX1668MEE Datasheet
514Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
More results

Similar Description - MAX1668MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_03 Datasheet
514Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
MAX31725 MAXIM-MAX31725_V01 Datasheet
483Kb / 15P
   짹0.5째C Local Temperature Sensors
2014
MAX6655 MAXIM-MAX6655_06 Datasheet
366Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com