Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45CKQ100 Datasheet(PDF) 1 Page - International Rectifier

Part # 45CKQ100
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45CKQ100 Datasheet(HTML) 1 Page - International Rectifier

  45CKQ100 Datasheet HTML 1Page - International Rectifier 45CKQ100 Datasheet HTML 2Page - International Rectifier 45CKQ100 Datasheet HTML 3Page - International Rectifier 45CKQ100 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
45A*, 100V
45CKQ100
Major Ratings and Characteristics
Description/Features
04/14/14
CASE STYLE
www.irf.com
1
Characteristics
45CKQ100 Units
IF(AV) Rectangular
45*
A
waveform
VRRM (Per Leg)
100
V
IFSM @ tp = 8.3ms half-sine
400
A
(Per Leg)
TJ, Tstg Operating and storage -55 to 150
°C
HIGH EFFICIENCY SERIES
The 45CKQ100 center tap Schottky rectifier has been
expressly designed to meet the rigorous requirements
of HiRel environments. It is packaged in the hermetic
isolated TO-258AA package. The device's forward
voltage drop and reverse leakage current are optimized
for the lowest power loss and the highest circuit
efficiency for typical high frequency switching power
supplies and resonent power converters. Full MIL-
PRF-19500 quality conformance testing is available on
source controlled drawings to TX, TXV and S levels.
• Hermetically Sealed
• Center Tap
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long
Term Reliability
• Electrically Isolated
VF @ 25Apk, TJ =125°C
0.74
V
(Per Leg)
* IF(AV) Current is limited by package
NOT ES:
1. DIMENSIONING & T OLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMET ERS [INCHES].
3. CONT ROLLING DIMENSION: INCH.
4. CONFORMS T O JEDEC OUTLINE T O-258AABEFORE LEADFORMING.
23
1
3X
2X
3.55 [.140]
13.97 [.550]
13.46 [.530]
B
0.12 [.005]
1.14 [.045]
0.88 [.035]
6.85 [.270]
6.09 [.240]
21.20 [.835]
20.70 [.815]
17.65 [.695]
17.39 [.685]
4.19 [.165]
3.93 [.155]
0.50 [.020]
C A
B
0.25 [.010]
C
37.00 [1.457]
20.40 [1.197]
17.95 [.707]
17.70 [.697]
19.05 [.750]
12.70 [.500]
1.65 [.065]
1.39 [.055]
C
5.08 [.200]
A
Case Outline and Dimensions - TO-258AA
(ISOLATED BASE)
ANODE COMMON ANODE
CATHODE
1
23
PD-20355D


Similar Part No. - 45CKQ100

ManufacturerPart #DatasheetDescription
logo
Seme LAB
45CKQ100 SEME-LAB-45CKQ100 Datasheet
21Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE
logo
New Jersey Semi-Conduct...
45CKQ100 NJSEMI-45CKQ100 Datasheet
96Kb / 1P
   Schottky Rectfier
45CKQ100 NJSEMI-45CKQ100 Datasheet
49Kb / 1P
   bchottky Rectifier High Reliability
logo
International Rectifier
45CKQ100 IRF-45CKQ100 Datasheet
305Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results

Similar Description - 45CKQ100

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com