Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPR336CS Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NSPR336CS
Description  rohs compliant
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPR336CS Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NSPR336CS Datasheet HTML 7Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 8Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 9Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 10Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 11Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 12Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 13Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 14Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NICHIA STS-DA1-3425 <Cat.No.141225>
10
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NSPR336xS
管理番号
No. STS-DA7-6221A
TaVf
1.5
2.0
2.5
3.0
3.5
-60 -40 -20
0
20
40
60
80 100 120
TaIv
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-60 -40 -20
0
20
40
60
80 100 120
VfIf
1
10
100
1000
1.5
2.0
2.5
3.0
3.5
20
150
周囲温度-相対光度特性
Ambient Temperature vs
Relative Luminosity
IfIv
0
2
4
6
8
0
50
100
150
200
順電流-相対光度特性
Forward Current vs
Relative Luminosity
順電流
Forward Current(mA)
順電圧-順電流特性
Forward Voltage vs
Forward Current
周囲温度-順電圧特性
Ambient Temperature vs
Forward Voltage
順電圧
Forward Voltage(V)
周囲温度
Ambient Temperature(°C)
周囲温度
Ambient Temperature(°C)
IFP=20mA
IFP=60mA
IFP=5mA
T
A=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
T
A=25°C
IFP=20mA


Similar Part No. - NSPR336CS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPR336AS NICHIA-NSPR336AS Datasheet
241Kb / 15P
   SPECIFICATIONS FOR RED LED
NSPR336BS NICHIA-NSPR336BS Datasheet
275Kb / 16P
   rohs compliant
More results

Similar Description - NSPR336CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com