Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1659ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1659ESA
Description  350mA, 16.5V Input, Low-Dropout Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1659ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1659ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
350mA, 16.5V Input,
Low-Dropout Linear Regulators
_______________________________________________________________________________________
5
____________________________Typical Operating Characteristics (continued)
(VIN = 5V (MAX1658), VIN = 6V (MAX1659); SHDN = IN; SET = GND; CIN = 0.1µF; COUT = 10µF tantalum; TA = +25°C; unless
otherwise noted.)
B
A
0V
3.3V
100
µs/div
MAX1658 OVERSHOOT AND
TIME EXITING SHUTDOWN
MAX1658/59TOC14
A: OUTPUT VOLTAGE (1V/div)
B: SHDN PIN VOLTAGE (2V/div)
B
A
0V
5V
100
µs/div
MAX1659 OVERSHOOT AND
TIME EXITING SHUTDOWN
MAX1658/59TOC15
A: OUTPUT VOLTAGE (2V/div)
B: SHDN PIN VOLTAGE (2V/div)
10ms/div
10Hz TO 100kHz NOISE, VOUT = 5V (1mV/div), IOUT = 165mA
OUTPUT NOISE
______________________________________________________________Pin Description
Ground
GND
8
Regulated Output Voltage. Fixed or adjustable from 1.25V to 16V. Sources up to 350mA. For stable opera-
tion, bypass with a 10µF, low-ESR (<0.2
Ω) capacitor from OUT to GND. For improved load-transient
response, use a larger low-ESR capacitor.
OUT
4, 5
Unregulated Input Supply Voltage, 2.7V to 16.5V input range. The IN pins also serve as heatsinks. Connect
to a copper plane to achieve maximum thermal dissipation.
IN
3, 6, 7
PIN
Shutdown Input. When SHDN is low, the device turns off and typically draws 0.1µA of supply current.
SHDN
2
Output Voltage Input. Connecting SET to ground selects the factory-preset 3.3V (MAX1658) or 5V
(MAX1659) output voltage. For an adjustable output voltage, connect SET to a resistive voltage divider from
OUT to GND.
SET
1
FUNCTION
NAME
104
103
102
10
10
50k
OUTPUT NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
VOUT = 5V
IOUT = 165mA


Similar Part No. - MAX1659ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1659ESA MAXIM-MAX1659ESA Datasheet
115Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
MAX1659ESA++ MAXIM-MAX1659ESA+ Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
More results

Similar Description - MAX1659ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1658ESA MAXIM-MAX1658ESA Datasheet
115Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com