Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1653EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1653EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1653EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1653EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
______________________________________________________________________________________
11
Table 1. Component Selection for Standard Applications
COMPONENT
3.3V at 1A
3.3V at 2A
5V/3.3V at 3A
3.3V at 5A
1.8V at 2.5A
Frequency
300kHz
300kHz
300kHz
300kHz
150kHz
Q1 High-Side
MOSFET
International Rectifier
1/2 IRF7101
International Rectifier
1/2 IRF7303 or
Fairchild
Semiconductor
1/2 NDS8936
International Rectifier
IRF7403 or
Fairchild
Semiconductor
NDS 8410A
Fairchild
Semiconductor
FDS6680
International Rectifier
1/2 IRF7303 or
Fairchild
Semiconductor
1/2 NDS8936
Q2 Low-Side
MOSFET
International Rectifier
1/2 IRF7101
International Rectifier
1/2 IRF7303 or
Fairchild
Semiconductor
1/2 NDS8936
International Rectifier
IRF7403 or
Fairchild
Semiconductor
NDS 8410A
Fairchild
Semiconductor
FDS6680
International Rectifier
1/2 IRF7303 or
Fairchild
Semiconductor
1/2 NDS8936
C1 Input
Capacitor
10µF, 35V
AVX
TPSD106M035R0300
22µF, 35V
AVX
TPSE226M035R0300
(2) 22µF, 35V
AVX
TPSE226M035R0300
(3) 22µF, 35V
AVX
TPSE226M035R0300
10µF, 25V ceramic
Taiyo Yuden
TMK325F106Z
C2 Output
Capacitor
100µF, 6.3V
AVX TPSC107M006R
220µF, 10V
AVX
TPSE227M010R0100
or Sprague
594D227X001002T
470µF, 6V (for 3.3V)
Kemet
T510X477M006AS
or
(2) 220µF, 10V (for 5V)
AVX
TPSE227M010R011
(3) 330µF, 10V
Sprague
594D337X0010R2T
or
(2) 470µF, 6V
Kemet
T510X477M006AS
470µF, 4V
Sprague
594D477X0004R2T
or
470µF, 6V
Kemet
T510X477M006AS
D1 Rectifier
1N5819 or Motorola
MBR0520L
1N5819 or Motorola
MBRS130LT3
1N5819 or Motorola
MBRS130LT3
1N5821 or Motorola
MBRS340T3
1N5817 or Motorola
MBRS130LT3
R1 Sense
Resistor
70m
Dale WSL-1206-R070F
or IRC LR2010-01-R070
33m
Dale WSL-2010-R033F
or IRC LR2010-01-R033
25m
Dale WSL-2010-R025F
or IRC LR2010-01-R025
12m
Dale WSL-2512-R012F
30m
Dale WSL-2010-R030F
or IRC LR2010-01-R030
L1 Inductor
33µH
Sumida CDR74B-330
15µH
Sumida CDR105B-150
10µH
Sumida CDRH125-100
4.7µH
Sumida CDRH127-4R7
15µH
Sumida CDRH125-150
Table 2. Component Suppliers
*
Distributor
[1] 602-994-6430
602-303-5454
Motorola
[1] 408-986-1442
408-986-0424
Kemet
[1] 512-992-3377
512-992-7900
IRC
[1] 408-721-1635
408-822-2181
Fairchild
[1] 605-665-1627
605-668-4131
Dale
[1] 561-241-9339
561-241-7876
Coiltronics
[1] 847-639-1469
847-639-6400
Coilcraft
[1] 516-435-1824
516-435-1110
Central Semiconductor
[1] 803-626-3123
803-946-0690
AVX
FACTORY FAX
[Country Code]
USA PHONE
MANUFACTURER
Input Range
4.75V to 28V
4.75V to 28V
4.75V to 28V
4.75V to 28V
4.75V to 22V
[1] 408-573-4159
408-573-4150
Taiyo Yuden
[81] 3-3607-5144
847-956-0666
Sumida
[1] 603-224-1430
603-224-1961
Sprague
[1] 408-970-3950
408-988-8000
800-554-5565
Siliconix
[81] 7-2070-1174
619-661-6835
Sanyo
[81] 3-3494-7414
805-867-2555*
NIEC
[1] 814-238-0490
814-237-1431
800-831-9172
Murata
FACTORY FAX
[Country Code]
USA PHONE
MANUFACTURER
[1] 702-831-3521
702-831-0140
Transpower Technologies
[1] 714-960-6492
714-969-2491
Matsuo
[1] 310-322-3332
310-322-3331
International Rectifier
[1] 847-390-4405
847-390-4461
TDK


Similar Part No. - MAX1653EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MAX1651 MAXIM-MAX1651 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1651 MAXIM-MAX1651 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1651 MAXIM-MAX1651 Datasheet
87Kb / 4P
   provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
Rev 1; 11/07
MAX1651C/D MAXIM-MAX1651C/D Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
More results

Similar Description - MAX1653EEE

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672_V01 Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com