Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1649EPA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1649EPA
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1649EPA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1649EPA Datasheet HTML 1Page - Maxim Integrated Products MAX1649EPA Datasheet HTML 2Page - Maxim Integrated Products MAX1649EPA Datasheet HTML 3Page - Maxim Integrated Products MAX1649EPA Datasheet HTML 4Page - Maxim Integrated Products MAX1649EPA Datasheet HTML 5Page - Maxim Integrated Products MAX1649EPA Datasheet HTML 6Page - Maxim Integrated Products MAX1649EPA Datasheet HTML 7Page - Maxim Integrated Products MAX1649EPA Datasheet HTML 8Page - Maxim Integrated Products MAX1649EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
4
_______________________________________________________________________________________
-60
-20
60
140
SWITCH ON-TIME
vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
0
80
40
120
34.0
33.5
33.0
32.5
32.0
31.5
31.0
30.0
30.5
-60
-20
60
140
SWITCH OFF-TIME
vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
0
80
40
120
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
-60
-20
60
140
MAXIMUM DUTY CYCLE
vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
0
80
40
120
100
99
98
97
96
95
94
93
-60
-20
60
140
CS TRIP LEVEL
vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
0
80
40
120
120
115
110
100
105
95
0
0.5
1.0
1.5
2.0
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
600
500
400
300
200
100
0
VOUT = 4.80V
VOUT = 3.17V
CIRCUIT OF
FIGURE 1
250
0
REFERENCE OUTPUT RESISTANCE
vs. TEMPERATURE
50
200
150
100
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
IREF = 10µA
IREF = 50µA
IREF = 100µA
1.506
1.492
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
1.494
1.504
1.502
1.500
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
1.498
1.496
IREF = 10µA
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1649EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649EPA MAXIM-MAX1649EPA Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
More results

Similar Description - MAX1649EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com