Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1648ESE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1648ESE
Description  Chemistry-Independent Battery Chargers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1648ESE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1648ESE Datasheet HTML 3Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 4Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 5Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 6Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 7Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 8Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 9Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 10Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Chemistry-Independent
Battery Chargers
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
Linear Current-Source Output
1
IOUT
Input Voltage for Powering Charger
1
2
DCIN
Voltage-Regulation-Loop Compensation Point
3
4
CCV
Chip Power Supply. 5.4V linear regulator output from DCIN.
2
3
VL
Current-Range Selector. Tying SEL to VL sets a 4A full-scale current. Leaving SEL open
sets a 2A full-scale current. Tying SEL to AGND sets a 1A full-scale current.
6
SEL
Battery Voltage Input and Current-Sense Negative Input
6
8
BATT
Current-Sense Positive Input
5
7
CS
Current-Regulation-Loop Compensation Point
4
5
CCI
3.9V Reference Voltage Output or External Reference Input
7
9
REF
Current-Regulation-Loop Set Point
10
SETI
Voltage-Regulation-Loop Set Point
11
SETV
Open-Drain Interrupt Output
11
INT
Analog Ground
8
10
AGND
Thermistor Sense Voltage Input
9
12
THM
Serial Data
14
SDA
Power Ground
12
16
PGND
Voltage DAC Output
15
DACV
Serial Clock
13
SCL
High-Side Power MOSFET Driver Output
14
18
DHI
Power Connection for the High-Side Power MOSFET Driver
16
20
BST
Power Connection for the High-Side Power MOSFET Driver
15
19
LX
Low-Side Power MOSFET Driver Output
13
17
DLO
FUNCTION
PIN
MAX1647
MAX1648
NAME


Similar Part No. - MAX1648ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1648ESE MAXIM-MAX1648ESE Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
More results

Similar Description - MAX1648ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX1667 MAXIM-MAX1667 Datasheet
225Kb / 28P
   Chemistry-Independent, Level 2 Smart Battery Charger
19-1488; Rev 0; 7/99
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
   Chemistry-Independent, Level 2 Smart Battery Charger
2003
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
Maxim Integrated Produc...
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
logo
Shanghai Consonance Ele...
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com