Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCS-4044 Datasheet(PDF) 2 Page - Level One

Part # FCS-4044
Description  PTZ Dome Network Camera
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-4044 Datasheet(HTML) 2 Page - Level One

  FCS-4044 Datasheet HTML 1Page - Level One FCS-4044 Datasheet HTML 2Page - Level One FCS-4044 Datasheet HTML 3Page - Level One FCS-4044 Datasheet HTML 4Page - Level One FCS-4044 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
제품사양
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3af Power over Ethernet (PoE)
TCP, UDP, HTTP, HTTPS, DHCP, PPPoE, RTP, RTSP, IPv6, DNS, DDNS, NTP, ICMP, ARP, IGMP, SMTP, FTP,
UPnP, SNMP, Bonjour
Image Sensor:
5-Megapixel 1/3.2" Progressive Scan CMOS
Connectors and Cabling:
1 x RJ-45 10/100 Mbps PoE port
1 x Line In
1 x Line Out
1 x Power terminal block
I/O terminal block (1 DI/1 DO)
Modularity:
1 x MicroSDHC/ MicroSDXC card slot
Button:
Reset Button
Indicator:
Power
Lens:
Zoom, DC iris, Auto focus, f4.9-49mm, F1.8-3.0
IR Cut Filter:
Removable infrared-cut filter for day & night function
Shutter Time:
1/5 ~ 1/10,000 sec
Angle of View:
49.69 - 5.83°
Pan/Tilt/Zoom:
Pan range: -175° - 175° (without auto-flip)
Tilt range: 0° ~ 180° (with E-flip)
10x Optical Zoom
Video Compression:
H.264 / MJPEG
Resolution:
5M (2592x1944)
Video Format:
RAW
Audio Compression:
G.711
Power:
Power Consumption: PoE Class 3 (IEEE802.3af) / 12.95 W (built-in heater and fan on), DC 12V (adapter not included)
/ 10.36 W (built-in heater and fan on)
Power Input: DC12V / 802.3af PoE
Features
www.level1.com
Page 2 of 5


Similar Part No. - FCS-4044

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-4041 LVL1-FCS-4041 Datasheet
1Mb / 6P
   PTZ Dome Network Camera
FCS-4042 LVL1-FCS-4042 Datasheet
793Kb / 5P
   PTZ Dome Network Camera
FCS-4043 LVL1-FCS-4043 Datasheet
884Kb / 5P
   PTZ Dome Network Camera
More results

Similar Description - FCS-4044

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-4301 LVL1-FCS-4301 Datasheet
520Kb / 4P
   PTZ Dome Network Camera
FCS-4302 LVL1-FCS-4302 Datasheet
396Kb / 4P
   PTZ Dome Network Camera
FCS-4041 LVL1-FCS-4041 Datasheet
1Mb / 6P
   PTZ Dome Network Camera
FCS-4042 LVL1-FCS-4042 Datasheet
793Kb / 5P
   PTZ Dome Network Camera
FCS-4043 LVL1-FCS-4043 Datasheet
884Kb / 5P
   PTZ Dome Network Camera
FCS-1041 LVL1-FCS-1041 Datasheet
615Kb / 4P
   PTZ Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
   Fixed Dome Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
   Fixed Dome Network Camera
FCS-3102 LVL1-FCS-3102 Datasheet
147Kb / 4P
   Fixed Dome Network Camera
FCS-3054 LVL1-FCS-3054 Datasheet
567Kb / 4P
   Fixed Dome Network Camera
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com