Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22CGQ045 Datasheet(PDF) 1 Page - International Rectifier

Part # 22CGQ045
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

22CGQ045 Datasheet(HTML) 1 Page - International Rectifier

  22CGQ045_15 Datasheet HTML 1Page - International Rectifier 22CGQ045_15 Datasheet HTML 2Page - International Rectifier 22CGQ045_15 Datasheet HTML 3Page - International Rectifier 22CGQ045_15 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
30Amp, 45V
22CGQ045
JANS1N6660CCT1
JANTX1N6660CCT1
JANTXV1N6660CCT1
Major Ratings and Characteristics
Description/Features
03/12/14
CASE STYLE
www.irf.com
1
Characteristics
1N6660CCT1 Units
IF(AV)
30
A
VRRM (Per Leg)
45
V
IFSM @ tp = 8.3ms half-sine
(Per Leg)
300
A
VF @ 20Apk, TJ =125°C
0.70
V
(Per Leg)
TJ, Tstg Operating and storage -65 to 150
°C
HIGH EFFICIENCY SERIES
Case Outline and Dimensions - TO-254AA
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
B A
3X
B
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
12
3
17.40 [.685]
16.89 [.665]
3.81 [.150]
0.84 [.033]
MAX.
C
NOTES:
1. DIMENSIONING& TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: INCH.
4. CONFORMS T OJEDEC OUT LINE TO-254AA.
The 1N6660CCT1 center tap Schottky rectifier has
been expressly designed to meet the rigorous
requirements of high reliability environments. It is
packaged in the hermetic isolated TO-254AA package.
The device's forward voltage drop and reverse leakage
current are optimized for the lowest power loss and the
highest circuit efficiency for typical high frequency
switching power supplies and resonent power
converters. Full MIL-PRF-19500 quality conformance
testing is available on source controlled drawings to TX,
TXV and S levels.
• Hermetically Sealed
• Center Tap
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long
Term Reliability
• Electrically Isolated
Ref: MIL-PRF-19500/608
ANODE COMMON ANODE
CATHODE
2
1
3
( ISOLATED BASE )
• ESD Rating: Class 3A per MIL-STD-750, Method 1020
PD-20346G


Similar Part No. - 22CGQ045_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
22CGQ045 IRF-22CGQ045 Datasheet
77Kb / 4P
   SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
22CGQ045 NJSEMI-22CGQ045 Datasheet
96Kb / 1P
   Schottky Rectfier
22CGQ045 NJSEMI-22CGQ045 Datasheet
49Kb / 1P
   bchottky Rectifier High Reliability
More results

Similar Description - 22CGQ045_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com