Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1644 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1644
Description  Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1644 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1644 Datasheet HTML 7Page - Maxim Integrated Products MAX1644 Datasheet HTML 8Page - Maxim Integrated Products MAX1644 Datasheet HTML 9Page - Maxim Integrated Products MAX1644 Datasheet HTML 10Page - Maxim Integrated Products MAX1644 Datasheet HTML 11Page - Maxim Integrated Products MAX1644 Datasheet HTML 12Page - Maxim Integrated Products MAX1644 Datasheet HTML 13Page - Maxim Integrated Products MAX1644 Datasheet HTML 14Page - Maxim Integrated Products MAX1644 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Advanced Chemistry-Independent, Level 2
Battery Charger with Input Current Limiting
______________________________________________________________________________________
11
Detailed Description
The MAX1645 consists of current-sense amplifiers, an
SMBus interface, transconductance amplifiers, refer-
ence circuitry, and a DC–DC converter (Figure 2). The
DC–DC converter generates the control signals for the
external MOSFETs to maintain the voltage and the cur-
rent set by the SMBus interface. The MAX1645 features
a voltage-regulation loop and two current-regulation
loops. The loops operate independently of each other.
The voltage-regulation loop monitors BATT to ensure
that its voltage never exceeds the voltage set point
(V0). The battery current-regulation loop monitors cur-
rent delivered to BATT to ensure that it never exceeds
the current-limit set point (I0). The battery current-regu-
lation loop is in control as long as BATT voltage is
below V0. When BATT voltage reaches V0, the current
loop no longer regulates. A third loop reduces the bat-
tery-charging current when the sum of the system (the
main load) and the battery charger input current
exceeds the charging source current limit.
Setting Output Voltage
The MAX1645’s voltage DAC has a 16mV LSB and an
18.432V full scale. The SMBus specification allows for a
16-bit ChargingVoltage() command that translates to a
1mV LSB and a 65.535V full-scale voltage; therefore,
the ChargingVoltage() value corresponds to the output
voltage in millivolts. The MAX1645 ignores the first four
LSBs and uses the next 11 LSBs to control the voltage
DAC. All codes greater than or equal to 0b0100 1000
0000 0000 (18432mV) result in a voltage overrange,
limiting the charger voltage to 18.432V. All codes below
0b0000 0100 0000 0000 (1024mV) terminate charging.
Setting Output Current
The MAX1645’s current DAC has a 64mA LSB and a
3.008A full scale. The SMBus specification allows for a
16-bit ChargingCurrent() command that translates to a
1mA LSB and a 65.535A full-scale current; the
ChargingCurrent() value corresponds to the charging
voltage in milliamps. The MAX1645 drops the first six
LSBs and uses the next six LSBs to control the current
DAC. All codes above 0b00 1011 1100 0000 (3008mA)
result in a current overrange, limiting the charger cur-
rent to 3.008A. All codes below 0b0000 0000 1000
0000 (128mA) turn the charging current off. A 50m
sense resistor (R2 in Figure 1) is required to achieve
the correct CODE/current scaling.
Input Current Limiting
The MAX1645 limits the current drawn by the charger
when the load current becomes high. The device limits
the charging current so the AC adapter voltage is not
loaded down. An internal amplifier compares the volt-
age between CSSP and CSSN to the voltage at CLS/20.
VCLS is set by a resistor divider between REF and
GND.
The input source current is the sum of the device cur-
rent, the charge input current, and the load current. The
device current is minimal (6mA max) in comparison to
the charge and load currents. The charger input cur-
rent is generated by the DC-DC converter; therefore, the
actual source current required is determined as follows:
ISOURCE = ILOAD + [(ICHARGE · VBATT) / (VIN · η)]
where
η is the efficiency of the DC-DC converter (typi-
cally 85% to 95%).
VCLS determines the threshold voltage of the CSS com-
parator. R3 and R4 (Figure 1) set the voltage at CLS.
Sense resistor R1 sets the maximum allowable source
current. Calculate the maximum current as follows:
IMAX = VCLS / (20 · R1)
(Limit VCSSP - VCSSN to between 102.4mV and
204.8mV.)
The configuration in Figure 1 provides an input current
limit of:
IMAX = (2.048V / 20) / 0.04Ω = 2.56A
LDO Regulator
The LDO provides a +5.4V supply derived from DCIN
and can deliver up to 15mA of current. The LDO sets
the gate-drive level of the NMOS switches in the
DC-DC converter. The drivers are actually powered by
DLOV and BST, which must be connected to LDO
through a lowpass filter and a diode as shown in Figure
1. See also the
MOSFET Drivers section. The LDO also
supplies the 4.096V reference and most of the control
circuitry. Bypass LDO with a 1µF capacitor.
VDD Supply
This input provides power to the SMBus interface and
the thermistor comparators. Typically connect VDD to
LDO or, to keep the SMBus interface of the MAX1645
active while the supply to DCIN is removed, connect an
external supply to VDD.


Similar Part No. - MAX1644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE MAXIM-MAX1644EAE Datasheet
137Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 11, 2002
MAX1644EAE MAXIM-MAX1644EAE Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE++ MAXIM-MAX1644EAE+ Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
More results

Similar Description - MAX1644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX1667 MAXIM-MAX1667 Datasheet
225Kb / 28P
   Chemistry-Independent, Level 2 Smart Battery Charger
19-1488; Rev 0; 7/99
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
   Chemistry-Independent, Level 2 Smart Battery Charger
2003
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
   Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
logo
Texas Instruments
BQ24747 TI-BQ24747 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1769 LINER-LT1769_15 Datasheet
242Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com