Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVF-1160R Datasheet(PDF) 1 Page - Level One

Part # AVF-1160R
Description  16-Channel BNC over Fiber Extender Kit, 20km
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

AVF-1160R Datasheet(HTML) 1 Page - Level One

  AVF-1160R Datasheet HTML 1Page - Level One AVF-1160R Datasheet HTML 2Page - Level One AVF-1160R Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AVF-1160R 하드웨어 버전: 1
16-Channel BNC over Fiber Extender Kit, 20km, Rack-
Mount
The LevelOne AVF Video over Fiber Converter series is designed to transmit composite video signals over long
distances via optical fibre. On the transmitting side, video signals are digitalized and converted to optical signals, then
transmitted over the fibre link to the receiver. The receiver then converts the optical signal back to analogue and
displays the transmitted images on a monitor. LevelOne’s AVF solutions provide analogue surveillance and signage
systems with the high quality images and long-distance transmission achievable through optical fibre, enhancing the
capabilities of a traditional deployment or upgrading a legacy system. An ideal solution for analogue surveillance and
Video Wall System applications.
Key Features
- Transmits analogue video signal over single fiber cable
- Uncompressed high quality video transmission
- Transmit up to 20 km without optical attenuation
- No RF interference or signal degradation over optical fiber
- No EMI and electromagnetic interference
- LED indicator status for instance system monitoring
- True Plug & Play design facilitates ease of installation
- Operation temperature -25 to 75 C (-13 to 167 F)
- Supports RS-485 data protocol (Optional)
www.level1.com
Page 1 of 3


Similar Part No. - AVF-1160R

ManufacturerPart #DatasheetDescription
logo
Level One
AVF-1160 LVL1-AVF-1160 Datasheet
748Kb / 3P
   16-Channel BNC over Fiber Extender Kit, 20km
More results

Similar Description - AVF-1160R

ManufacturerPart #DatasheetDescription
logo
Level One
AVF-1160 LVL1-AVF-1160 Datasheet
748Kb / 3P
   16-Channel BNC over Fiber Extender Kit, 20km
AVF-1800 LVL1-AVF-1800 Datasheet
1,000Kb / 3P
   8-Channel BNC over Fiber Extender Kit, 20km
AVF-1100 LVL1-AVF-1100 Datasheet
650Kb / 3P
   1-Channel BNC over Fiber Extender Kit, 20km
AVF-1000 LVL1-AVF-1000 Datasheet
629Kb / 4P
   1-Channel BNC over Fiber Extender Kit, RS485, 20km
AVF-1200 LVL1-AVF-1200 Datasheet
766Kb / 3P
   2-Channel BNC over Fiber Extender Kit
logo
Tripp Lite. All Rights ...
U00740M TRIPPLITE-U00740M Datasheet
487Kb / 2P
   USB over Cat5 Extender Kit
logo
Level One
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
   PoE Extender over Hybrid Fiber
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
   HDMI over Cat.5 Extender kit
HVE-9100 LVL1-HVE-9100 Datasheet
309Kb / 2P
   HDMI over Cat.5 Extender Kit, 300m
logo
THOR communications
F-LB61 THOR-F-LB61 Datasheet
597Kb / 1P
   Six Channel High Density LBand Coax Over Fiber Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com