Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVF-1100 Datasheet(PDF) 2 Page - Level One

Part # AVF-1100
Description  1-Channel BNC over Fiber Extender Kit, 20km
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

AVF-1100 Datasheet(HTML) 2 Page - Level One

  AVF-1100 Datasheet HTML 1Page - Level One AVF-1100 Datasheet HTML 2Page - Level One AVF-1100 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
제품사양
System Specifications
Connectors and Cabling:
FC
Wavelength(nm):
1310nm
Optical Receive Sensitivity:
<-18dB
Indicator:
PWR,LNK,VIDEO
Power Budget:
10W
Impedance (Ohms):
75Ω composite
Power:
5V2A
Bandwidth:
5Hz to 6.5MHz
Signal to Noise Ratio:
>63dB
Linearity:
<1.3%DG <1.3°DP
Bit Error Rate:
<1×10-9
Features
General:
Uncompressed 8 bit video encoding, High-speed synchronous digital transmission technology
Super optical dynamic range, no adjustment needed
Status indication for power supply, optical signal and video
without electromagnetic interference, radio frequency interference and ground current
Safe transmission guaranteed under poor electromagnetic environment
Maximum tolerable link loss for single mode single fiber is 18db
Performance
Data Transfer Rate:
Without
Operating Distance:
20kM
Optical Transmission Power:
-7dB to -14dB
Environment
Temperature (°C):
-20°C ~ +70°C
Humidity (Non-condensing):
0~ 95%
www.level1.com
Page 2 of 3


Similar Part No. - AVF-1100

ManufacturerPart #DatasheetDescription
logo
Level One
AVF-1160 LVL1-AVF-1160 Datasheet
748Kb / 3P
   16-Channel BNC over Fiber Extender Kit, 20km
AVF-1160R LVL1-AVF-1160R Datasheet
523Kb / 3P
   16-Channel BNC over Fiber Extender Kit, 20km
More results

Similar Description - AVF-1100

ManufacturerPart #DatasheetDescription
logo
Level One
AVF-1000 LVL1-AVF-1000 Datasheet
629Kb / 4P
   1-Channel BNC over Fiber Extender Kit, RS485, 20km
AVF-1800 LVL1-AVF-1800 Datasheet
1,000Kb / 3P
   8-Channel BNC over Fiber Extender Kit, 20km
AVF-1160 LVL1-AVF-1160 Datasheet
748Kb / 3P
   16-Channel BNC over Fiber Extender Kit, 20km
AVF-1160R LVL1-AVF-1160R Datasheet
523Kb / 3P
   16-Channel BNC over Fiber Extender Kit, 20km
AVF-1200 LVL1-AVF-1200 Datasheet
766Kb / 3P
   2-Channel BNC over Fiber Extender Kit
logo
Tripp Lite. All Rights ...
U00740M TRIPPLITE-U00740M Datasheet
487Kb / 2P
   USB over Cat5 Extender Kit
logo
Level One
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
   PoE Extender over Hybrid Fiber
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
   HDMI over Cat.5 Extender kit
HVE-9100 LVL1-HVE-9100 Datasheet
309Kb / 2P
   HDMI over Cat.5 Extender Kit, 300m
logo
THOR communications
F-LB61 THOR-F-LB61 Datasheet
597Kb / 1P
   Six Channel High Density LBand Coax Over Fiber Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com