Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16SYJQ045C Datasheet(PDF) 2 Page - International Rectifier

Part # 16SYJQ045C
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16SYJQ045C Datasheet(HTML) 2 Page - International Rectifier

  16SYJQ045C_15 Datasheet HTML 1Page - International Rectifier 16SYJQ045C_15 Datasheet HTML 2Page - International Rectifier 16SYJQ045C_15 Datasheet HTML 3Page - International Rectifier 16SYJQ045C_15 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
16SYJQ045C
2
www.irf.com
Voltage Ratings
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
16
A
50% duty cycle @ TC = 117°C, square waveform
See Fig. 5
IFSM
Max. Peak One Cycle Non - Repetitive
250
A
@ tp = 8.3 ms half-sine
Surge Current
Absolute Maximum Ratings
 Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits Units
Conditions
TJ
Max.Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
RthJC Max. Thermal Resistance, Junction
1.15
°C/W
DC operation
See Fig. 4
to Case
wt
Weight (Typical)
4.3
g
Die Size
200X200
mils
Case Style
D2 PAK
Thermal-Mechanical Specifications
Parameters
Limits Units
Conditions
VFM
Max. Forward Voltage Drop
0.63
V
@ 16A
TJ= -55°C
See Fig. 1

0.79
V
@ 32A
0.56
V
@ 16A
TJ = 25°C
0.79
V
@ 32A
0.52
V
@ 16A
TJ = 125°C
0.85
V
@ 32A
IRM
Max. Reverse Leakage Current
0.74
mA
TJ = 25°C
See Fig. 2

75
mA
TJ = 100°C
VR = rated VR
210
mA
TJ = 125°C
CT
Max. Junction Capacitance
2800
pF
VR = 5VDC ( 1MHz, 25°C )
Electrical Specifications
Part number
16SYJQ045C
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working DC Reverse Voltage (V)
45
LS
Typ. Series Inductance
9.8
nH
Measured from Cathode lead to Anode lead
6mm (0.025in) from package


Similar Part No. - 16SYJQ045C_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16SYJQ045C IRF-16SYJQ045C Datasheet
95Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results

Similar Description - 16SYJQ045C_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com