Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1638EAG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1638EAG
Description  High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1638EAG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1638EAG Datasheet HTML 7Page - Maxim Integrated Products MAX1638EAG Datasheet HTML 8Page - Maxim Integrated Products MAX1638EAG Datasheet HTML 9Page - Maxim Integrated Products MAX1638EAG Datasheet HTML 10Page - Maxim Integrated Products MAX1638EAG Datasheet HTML 11Page - Maxim Integrated Products MAX1638EAG Datasheet HTML 12Page - Maxim Integrated Products MAX1638EAG Datasheet HTML 13Page - Maxim Integrated Products MAX1638EAG Datasheet HTML 14Page - Maxim Integrated Products MAX1638EAG Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
High-Speed Step-Down Controller with
Synchronous Rectification for CPU Power
______________________________________________________________________________________
11
High-Side Current Sensing
The common-mode input range of the current-sense
inputs (CSH and CSL) extends to VCC, so it is possible
to configure the circuit with the current-sense resistor
on the input side rather than on the load side (Figure 5).
This configuration improves efficiency by reducing the
power dissipation in the sense resistor according to the
duty ratio.
In the high-side configuration, if the output is shorted
directly to GND through a low-resistance path, the cur-
rent-sense comparator may be unable to enforce a cur-
rent limit. Under such conditions, circuit parasitics such
as MOSFET RDS(ON) typically limit the short-circuit cur-
rent to a value around the peak-current-limit setting.
Attach a lowpass-filter network between the current-
sense pins and resistor to reduce high-frequency com-
mon-mode noise. The filter should be designed with a
time constant of around one-fifth of the on-time (130ns
at 600kHz, for example). Resistors in the 20
Ω to 100Ω
range are recommended for R7 and R8. Connect the
filter capacitors C11 and C12 from VCC to CSH and
CSL, respectively.
Values of 39
Ω and 3.3nF are suitable for many designs.
Place the current-sense filter network close to the IC,
within 0.1 in (2.5mm) of the CSH and CSL pins.
Overvoltage Protection
When the output exceeds the set voltage, the synchro-
nous rectifier (N2) is driven high (and N1 is driven low).
This causes the inductor to quickly dissipate any stored
energy and force the fault current to flow to ground.
Current is limited by the source impedance and para-
sitic resistance of the current path, so a fuse is required
in series with the +5V input to protect against low-
impedance faults, such as a shorted high-side MOS-
FET. Otherwise, the low-side MOSFET will eventually
fail. DL will go low if the input voltage drops below the
undervoltage lockout point.
Internal Soft-Start
Soft-start allows a gradual increase of the internal cur-
rent limit at start-up to reduce input surge currents. An
internal DAC raises the current-limit threshold from 0V
to 100mV in four steps (25mV, 50mV, 75mV, and
100mV) over the span of 1536 oscillator cycles.
__________________Design Procedure
Setting the Output Voltage
Select the output voltage using the D0–D4 pins. The
MAX1638 uses an internal 5-bit DAC as a feedback-
resistor voltage divider. The output voltage can be digi-
tally set from 1.3V to 3.5V using the D0–D4 inputs
(Table 2).
D0–D4 are logic inputs and accept both TTL and
CMOS voltage levels. The MAX1638 has both FB and
AGND inputs, allowing a Kelvin connection for remote
voltage and ground sensing to eliminate the effects of
trace resistance on the feedback voltage. (See
PC
Board Layout Considerations for further details.) FB
input current is 0.1µA (max).
The MAX1638 DAC codes (D0–D4) were designed for
compatibility with the Intel VRM 8.2 specification for
output voltages between 1.8V (code 00101) and 3.5V
(code 10000). Codes 00110 to 01111 have also been
designed for 50mV increments, allowing set voltages
down to 1.300V. Code 11111 turns off the buck controller,
placing the IC in a shutdown mode (0.2mA typical).
Choosing the
Error-Amplifier Gain
Set the error-amplifier gain to match the voltage-preci-
sion requirements of the CPU used. The MAX1638’s
loop-gain control input (LG) allows trade-offs in DC/AC
voltage accuracy versus output filter capacitor require-
ments. AC load regulation can be set to 0.5%, 1%,
or 2% by connecting LG as shown in Table 3.
DC load regulation is typically 10 times better than AC
load regulation, and is determined by the gain set by
the LG pin.
0
20
10
50
40
30
60
70
100
90
80
20 30
10
0
40 50 60 70 80 90 100
VFB (%)
Figure 4. Foldback Current Limit


Similar Part No. - MAX1638EAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX163-MAX167 MAXIM-MAX163-MAX167 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1630AEAI MAXIM-MAX1630AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
More results

Similar Description - MAX1638EAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
   High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
   High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
   Adjustable step-down controller with synchronous rectification
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com