Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYC58X-600 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYC58X-600
Description  8 A hyperfast rectifier diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC58X-600 Datasheet(HTML) 5 Page - NXP Semiconductors

  BYC58X-600_15 Datasheet HTML 1Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 2Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 3Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 4Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 5Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 6Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 7Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 8Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BYC58X-600_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2010
5 of 11
NXP Semiconductors
BYC58X-600
8 A hyperfast rectifier diode
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF =8A; Tj = 25 °C; see Figure 4
-
2.35
3.2
V
IF =8A; Tj = 150 °C; see Figure 4
-2
2.4
V
IR
reverse current
VR =600 V; Tj = 25 °C
-
-
150
µA
Dynamic characteristics
Qr
recovered charge
IF =8A; VR = 400 V; dIF/dt = 200 A/µs;
Tj = 125 °C; see Figure 5 and 6
-40
-
nC
trr
reverse recovery time
IF =8A; VR = 400 V; dIF/dt = 200 A/µs;
Tj =25°C; see Figure 6
-
12.5
-
ns
IF =8A; VR = 400 V; dIF/dt = 200 A/µs;
Tj = 125 °C; see Figure 6 and 7
-21
-
ns
IRM
peak reverse recovery
current
IF =8A; VR = 400 V; dIF/dt = 200 A/µs;
Tj = 125 °C
-4
5.5
A
Fig 4.
Forward current as a function of forward
voltage
Fig 5.
Recovered charge as a function of rate of
change of forward current; Tj = 125 °C; typical
values
003aae163
0
4
8
12
16
20
012
34
V
F (V)
I
F
(A)
(1)
(2)
(3)
dIF/dt (A/μs)
0
500
400
200
300
100
003aae182
140
Qr
(nC)
100
60
20
0
40
80
120
(1)
(2)
(3)


Similar Part No. - BYC58X-600_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC58X-600 NXP-BYC58X-600 Datasheet
183Kb / 11P
   8 A hyperfast rectifier diode
Rev. 01-23 February 2010
logo
WeEn Semiconductors
BYC58X-600 WEEN-BYC58X-600 Datasheet
360Kb / 10P
   Hyperfast power diode
More results

Similar Description - BYC58X-600_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC58X-600 NXP-BYC58X-600 Datasheet
183Kb / 11P
   8 A hyperfast rectifier diode
Rev. 01-23 February 2010
logo
Vishay Siliconix
VS-8ETX06SPBF VISHAY-VS-8ETX06SPBF Datasheet
170Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
8ETX06PBF VISHAY-8ETX06PBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Aug-08
8ETH03 VISHAY-8ETH03 Datasheet
110Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8ETH06PBF VISHAY-8ETH06PBF_11 Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETH06SPBF VISHAY-8ETH06SPBF_10 Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03PBF VISHAY-8ETH03PBF_11 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETX06S-M3 VISHAY-VS-8ETX06S-M3_V01 Datasheet
228Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-8EWH06FNM3 VISHAY-VS-8EWH06FNM3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 11-Apr-18
VS-8ETH06S-M3 VISHAY-VS-8ETH06S-M3 Datasheet
218Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 24-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com