Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1626 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1626
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1626 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1626 Datasheet HTML 5Page - Maxim Integrated Products MAX1626 Datasheet HTML 6Page - Maxim Integrated Products MAX1626 Datasheet HTML 7Page - Maxim Integrated Products MAX1626 Datasheet HTML 8Page - Maxim Integrated Products MAX1626 Datasheet HTML 9Page - Maxim Integrated Products MAX1626 Datasheet HTML 10Page - Maxim Integrated Products MAX1626 Datasheet HTML 11Page - Maxim Integrated Products MAX1626 Datasheet HTML 12Page - Maxim Integrated Products MAX1626 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
least 100 times FB’s input bias current. Capacitor CR2
is used to compensate the MAX1627 for even switch-
ing. Values between 0pF and 330pF work for many
applications. See the
Stability and MAX1627 Feedback
Compensation section for details.
Current-Sense-Resistor Selection
The current-sense comparator limits the peak switching
current to VCS/RSENSE, where RSENSE is the value of
the current-sense resistor and VCS is the current-sense
threshold. VCS is typically 100mV, but can range from
85mV to 115mV. Minimizing the peak switching current
will increase efficiency and reduce the size and cost of
external components. However, since available output
current is a function of the peak switching current, the
peak current limit must not be set too low.
Set the peak current limit above 1.3 times the maximum
load current by setting the current-sense resistor to:
Alternatively, select the current-sense resistor for 5V
and 3.3V output applications using the current-sense
resistor graphs in Figures 6a and 6b. The current-sense
resistor’s power rating should be 20% higher than:
Standard wire-wound resistors have an inductance
high enough to degrade performance, and are not rec-
ommended. Surface-mount (chip) resistors have very
little inductance and are well suited for use as current-
sense resistors. Power metal-strip resistors feature
1/2W and 1W power dissipation, 1% tolerance, and
inductance below 5nH. Resistance values between
10m
Ω and 500mΩ are available.
Inductor Selection
The essential parameters for inductor selection are
inductance and current rating. The MAX1626/MAX1627
operate with a wide range of inductance values. In many
applications, values between 10µH and 68µH take best
advantage of the controller’s high switching frequency.
Calculate the minimum inductance value as follows:
where 2µs is the minimum on-time. Inductor values
between two and six times L(MIN) are recommended.
L
=
V+
- V
(MIN)
(MAX)
OUT
()
()
xs
V
R
CS MIN
CS
2
µ
R
=
V
R
POWER RATING (W)
2
CS
CS MAX
()
R
=
V
1.3 x I
CS
CS(MIN)
OUT(MAX)
5V/3.3V or Adjustable, 100% Duty-Cycle,
High-Efficiency, Step-Down DC-DC Controllers
_______________________________________________________________________________________
9
R3
CR2
R2
FROM
OUTPUT
TO FB
Figure 5. Adjustable-Output Operation Using the MAX1627
4.5
5.5
5.0
6.0
12
10
14
16
INPUT VOLTAGE (V)
3.0
3.5
2.5
2.0
1.5
1.0
0
0.5
VOUT = 5V
RSENSE = 0.03Ω
RSENSE = 0.04Ω
RSENSE = 0.05Ω
RSENSE = 0.1Ω
Figure 6a. MAX1626 5V-Operation Current-Sense Resistor
Graph
3.0
4.0
3.5
4.5
12
10
14
16
INPUT VOLTAGE (V)
3.0
3.5
2.5
2.0
1.5
1.0
0
0.5
VOUT = 3.3V
RSENSE = 0.03Ω
RSENSE = 0.04Ω
RSENSE = 0.05Ω
RSENSE = 0.1Ω
Figure 6b. MAX1626 3.3V-Operation Current-Sense Resistor
Graph


Similar Part No. - MAX1626

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626C/D MAXIM-MAX1626C/D Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX1626ESA MAXIM-MAX1626ESA Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results

Similar Description - MAX1626

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com