Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1623EAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1623EAP
Description  3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1623EAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1623EAP Datasheet HTML 1Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 2Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 3Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 4Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 5Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 6Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 7Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 8Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3A, Low-Voltage, Step-Down Regulator with
Synchronous Rectification and Internal Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VCC = +5V, FBSEL unconnected, RTOFF = 110kΩ, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA =
+25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to PGND .....................................................................0V to 6V
VCC to GND ................................................................-0.3V to 6V
PGND to GND.....................................................................±0.5V
IN to VCC.............................................................................±0.5V
LX to PGND.................................................................-0.5V to 6V
SHDN to GND .............................................................-0.3V to 6V
REF, FBSEL, COMP, FB, TOFF to GND .....-0.3V to (VCC + 0.3V)
REF Short to GND ......................................................Continuous
Continuous Power Dissipation (TA = +70°C) (with part mounted
on 1 sq. inch of one ounce copper)
20-Pin SSOP (derate 22mW/°C above +70°C) ................1.3W
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
SHDN = GND or VCC
FBSEL = REF
FBSEL = GND
VIN = 4.5V to 5.5V,
ILOAD = 0 to 3A
(Note 1)
FBSEL = GND, adjustable output mode, VFB = 1.2V
VCC falling, 100mV hysteresis
ILOAD ≥ 1.5A (Note 1)
VIN = 4.5V
SHDN = GND
VIN = 4.5V
FBSEL = GND or REF (Note 1)
IREF = 0
Does not include switching losses
IREF = -1µA to 10µA
CONDITIONS
V
0.8
SHDN Input Low Voltage
µA
-1
0.03
1
SHDN Input Current
2
%
1
AC Output Load Regulation
µs
0.85
1.00
1.15
Off-Time Default Period
µs
0.5
4
Off-Time Adjustment Range
kHz
500
Error-Amplifier Gain Bandwidth
nA
-25
25
FB Input Bias Current
V
4.1
4.2
4.3
Undervoltage Lockout Threshold
°C
145
Thermal Shutdown Threshold
µA
0.5
10
Shutdown Supply Current
µA
400
525
No-Load Supply Current
A
1
1.25
1.5
Idle Mode Threshold (Note 2)
2.49
2.525
2.550
V
3.296
3.330
3.366
V
4.5
5.5
Input Voltage Range
Output Voltage
kHz
350
Maximum Switching Frequency
m
60
100
NMOS Switch On-Resistance
m
55
100
PMOS Switch On-Resistance
A
3.65
4.65
Current-Limit Threshold
1.089
1.100
1.110
V
VREF
3.80
Output Adjustment Range
V
1.089
1.100
1.110
Reference Output Voltage
mV
1
Reference Load Regulation
UNITS
MIN
TYP
MAX
PARAMETER
FBSEL = unconnected
FBSEL = VCC
FBSEL = GND or REF
V
2
SHDN Input High Voltage
VIN = 5.5V, VLX = 5.5V or 0
µA
±20
LX Leakage Current


Similar Part No. - MAX1623EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1623EAP MAXIM-MAX1623EAP Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
More results

Similar Description - MAX1623EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
   3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1843 MAXIM-MAX1843 Datasheet
366Kb / 13P
   2.7A, 1MHz, Low-Voltage, Step-Down Regulator with Internal Synchronous Rectification in QFN Package
19-1986; Rev 1; 3/02
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
   15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com