Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYC8DX-600 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYC8DX-600
Description  Hyperfast power diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC8DX-600 Datasheet(HTML) 5 Page - NXP Semiconductors

  BYC8DX-600_15 Datasheet HTML 1Page - NXP Semiconductors BYC8DX-600_15 Datasheet HTML 2Page - NXP Semiconductors BYC8DX-600_15 Datasheet HTML 3Page - NXP Semiconductors BYC8DX-600_15 Datasheet HTML 4Page - NXP Semiconductors BYC8DX-600_15 Datasheet HTML 5Page - NXP Semiconductors BYC8DX-600_15 Datasheet HTML 6Page - NXP Semiconductors BYC8DX-600_15 Datasheet HTML 7Page - NXP Semiconductors BYC8DX-600_15 Datasheet HTML 8Page - NXP Semiconductors BYC8DX-600_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BYC8DX-600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 December 2010
5 of 11
NXP Semiconductors
BYC8DX-600
Hyperfast power diode
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF =8A; Tj = 150 °C; see Figure 4
-
1.5
1.85
V
IF =8A; Tj =25°C
-
2
2.9
V
IR
reverse current
VR =500 V; Tj = 100 °C
-
1.1
3
mA
VR =600 V
-
9
40
µA
Dynamic characteristics
Qr
recovered charge
IF =1A; VR = 100 V; dIF/dt = 100 A/µs
-
13
-
nC
trr
reverse recovery time
IF =8A; VR = 400 V; dIF/dt = 500 A/µs;
Tj = 100 °C
-
3240ns
IF =1A; VR =30V; dIF/dt = 50 A/µs;
Tj =25°C
-
3052ns
IF =8A; VR = 400 V; dIF/dt = 500 A/µs;
Tj =25°C; see Figure 5
-20
-ns
IRM
peak reverse recovery
current
IF =10A; VR = 400 V; dIF/dt = 500 A/µs;
Tj = 100 °C
-9.5
12
A
IF =8A; VR = 400 V; dIF/dt = 50 A/µs;
Tj = 125 °C
-1.5
5.5
A
VFR
forward recovery
voltage
IF =10A; dIF/dt = 100 A/µs; Tj =25°C;
see Figure 6
-8
10
V
Fig 4.
Forward current as a function of forward
voltage
Fig 5.
Reverse recovery definitions; ramp recovery
003aac976
0
4
8
12
16
20
012
34
VF (V)
IF
(A)
(1)
(2)
(3)
003aac562
trr
time
100 %
25 %
IF
dlF
dt
IR
IRM
Qr


Similar Part No. - BYC8DX-600_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC8DX-600 NXP-BYC8DX-600 Datasheet
274Kb / 11P
   Hyperfast power diode Isolated plastic package
Rev. 01-27 December 2010
logo
WeEn Semiconductors
BYC8DX-600 WEEN-BYC8DX-600 Datasheet
361Kb / 11P
   Hyperfast power diode
More results

Similar Description - BYC8DX-600_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com