Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1612EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1612EEE
Description  Bridge-Battery Backup Controllers for Notebooks
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1612EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1612EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Bridge-Battery Backup Controllers
for Notebooks
_______________________________________________________________________________________
5
NAME
FUNCTION
1
ISET
Bridge-Battery Charge-Current Input. Connect a current-setting resistor from this input to a voltage
higher than the bridge battery. Maximum current rating is 10mA. Pulling ISET below 0.4V resets the
internal counter.
2
BBATT
Bridge-Battery Connection. Bridge-battery charger output.
PIN
3
LX
Step-Up DC-DC Converter N-Channel MOSFET Drain. The maximum operating range is 12V.
4
LBO
Open-Drain Low-Battery Detector Output. When VLBI falls below 1.8V, LBO sinks current. When
VLBI rises above 2.0V, LBO becomes high impedance.
8
FULL
Open-Drain Bridge-Battery Full Indicator Output. When the internal timer reaches all 1sec, FULL
goes high impedance.
7
CCMD
Charge Command Input. When low with DCMD high, the internal switch from ISET to BBATT is
closed, charging the bridge battery. CCMD is inhibited if DCMD is low. The internal timer counts up
at a frequency set by the CC capacitor.
6
DCMD
Discharge Command Input. When low with CCMD high, the internal timer counts down at a
frequency set by the CD capacitor. When both DCMD and CCMD are low, discharge takes
precedence.
5
BBON
Bridge-Battery On Input. When high, the DC-DC converter turns off. When pulled low through an
external resistor, the resistor sets the peak inductor current. The inductor current is approximately
42,000 times the current in the external resistor (RBBON).
13
CD
Discharge Oscillator Capacitor Input. This capacitor sets the discharging oscillator frequency,
which determines the maximum time to decrement the counter from all 1s to all 0s. Calculate the
capacitor value as follows: CD (in nF) = 4.3 · discharge time (in hours).
12
CC
Charge Oscillator Capacitor Input. This capacitor programs the charging oscillator frequency,
which sets the time for the internal counter to reach all 1s. Determine the capacitor value by: CC
(in nF) = 4.3 · charge time (in hours).
11
GND
Ground
10
LBI
Low-Battery-Detector Input. When LBI falls below 1.8V, LBO goes low and sinks current. When LBI
goes above 2.0V, LBO goes high impedance. Hysteresis is typically 200mV.
9
FB
Feedback Input of Step-Up DC-DC Converter. Regulates to 2V. Connect feedback resistors to set
output voltage (Figure 2).
Pin Description
14
PGND
Power Ground and Step-Up DC-DC Converter N-Channel MOSFET Source
15
LRO
5V (MAX1612) or 3.3V (MAX1613) Linear-Regulator Output. Bypass to GND with a 1µF capacitor.
Maximum external load current is 10mA.
16
LRI
Linear-Regulator Supply Input


Similar Part No. - MAX1612EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16122WT MAXIM-MAX16122WT Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16123 MAXIM-MAX16123 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
MAX16123WT MAXIM-MAX16123WT Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16124 MAXIM-MAX16124 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
More results

Similar Description - MAX1612EEE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Texas Instruments
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Texas Instruments
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Texas Instruments
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
   IC for System Reset (battery backup)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com