Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNO-1372-E3AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UNO-1372-E3AE
Description  Intel짰 Atom??Quad-Core Small- Size Control DIN-Rail PC w/ 3 x GbE, on-board 4GB DDR3L SDRAM, 2 x mPCIe, 1 mSATA, 2 x COM, 8 x DI/O, 3 x USB, HDMI/VGA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UNO-1372-E3AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UNO-1372-E3AE Datasheet HTML 1Page - Advantech Co., Ltd. UNO-1372-E3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Automation Computers
Features
UNO-1372G
Intel® Atom™ Quad-Core Small- Size
Control DIN-Rail PC w/ 3 x GbE, on-board
4GB DDR3L SDRAM, 2 x mPCIe, 1 mSATA,
2 x COM, 8 x DI/O, 3 x USB, HDMI/VGA
ƒ Intel® Atom E3845 1.91GHz processor with 4GB DDR3L Memory
ƒ 3 x GbE, 3 x USB, 2 x COM, 1 x VGA, 1 x HDMI, Audio, iDoor, mSATA,
2mPCIe, 1 x SATA, 8 x DIO, 1 x Power Terminal
ƒ Compact with Fanless Design
ƒ Dual Power Input for Reducing Power Down Time
ƒ Exchangeable RTC Battery with easy Access on the Top
ƒ Digital I/O with Isolation Protection for Sensing and controlling
ƒ Diverse system IO and Supports Fieldbus Protocol by iDoor Technology as a
Protocol Gateway
ƒ 3G/GPS/GPRS/Wi-Fi Communication by iDoor Technology as a
Communication Gateway
ƒ Supports MRAM by iDoor Technology
ƒ Chassis Grounding Protection
ƒ LAN Redundancy (Teaming)
Introduction
The UNO-1372G is an Intel Atom Quad-Core DIN-Rail controller. This controller featured with dual power input that shorten the down time to enhance operation excellence. The general
purpose input/output ports also help machine builders integrate direct control of start/stop inspection and indicate inspection results. The UNO-1372G is also equipped with Advantech
iDoor technology that uses iDoor modules to extend this product to become a gateway controller, such as a PoE card, or isolation serial port card. The UNO-1372G also features 3
gigabyte LAN ports, 1 USB 3.0 port, 2 COM ports and HDMI& VGA display ports for essential upstream and downstream links, for example, PoE connected to IP camera from iDoor.
Environment
ƒ . Operating Temperature - 20 ~ 60°C (-4 ~ 140°F) @ 5 ~ 85% RH with 0.7m/s airflow
(Industry SSD)
ƒ Storage Temperature
- 40 ~ 85°C ( -40 ~ 185°F)
ƒ Relative Humidity
95% RH @ 40°C, non-condensing
ƒ Shock Protection
Operating, IEC 60068-2-27, 50G, half sine, 11ms
ƒ Vibration Protection
Operating, IEC 60068-2-64, 1Grms, random, 5 ~ 500Hz,
1 hr/axis
ƒ Ingress Protection
IP40
Specifications
General
ƒ Certification
CE, FCC, UL, CCC, BSMI
ƒ Dimensions ( W x D x H ) 85 x 139 x 152 mm (3.3" x 5.5" x 6.0")
ƒ Form Factor
Small Size
ƒ Enclosure
Aluminum Housing
ƒ Mounting
DIN-rail, Wallmount
ƒ Weight (Net)
1.6kg (3.5lbs)
ƒ Power Requirement
9~36VDC
ƒ Power Consumption
24W (Typical)
ƒ OS Support
Microsoft® Windows 7/8, WES7/WES8, Linux
System Hardware
ƒ BIOS
AMI UEFI 128Mbit Flash BIOS
ƒ Watchdog Timer
Programmable 6 levels timer interval, from 15 to 255 sec
ƒ Processor
Intel Atom E3845 1.91GHz, 2MB L2 Cache
ƒ System Chip
Integrated Intel SoC Chipset
ƒ Memory
On-board 4GB DDR3L 1333 MHz
ƒ Graphics Engine
Intel® HD Graphics
ƒ Ethernet
Intel® i210-IT GbE, 802.1Qav, 802.1AS, 802.3az
Realtek RTL8111E GbE
ƒ LED Indicators
LEDs for Power, battery, LAN (Active, Status), Tx/Rx and HDD
ƒ Storage
One drive bay for SATA 2.5" HDD (Compatible with 9.5mm
height HDD)
CFast drive by iDoor Technology (Optional)
ƒ Expansion
2 x Full-size mPCIe slot,1x mSATA (Full-size)
I/O Interfaces
ƒ Serial Ports
1 x RS-232, DB9, 50~115.2kbps
1 x RS-422/485, DB9, auto flow control, 50~115.2kbps
ƒ LAN Ports
3 x RJ45, 10/100/1000 Mbps IEEE 802.3u 1000Base-T Fast
Ethernet, support Jumbo Frame
ƒ USB Ports
3 x USB Ports (2 x USB2.0, 1 x USB 3.0 compliant )
ƒ Displays
1 x VGA, supports 1920 x 1200 @ 60Hz 24bpp
1 x HDMI 1.4a, supports 1920 x 1080 @ 60Hz 24bpp
ƒ Audio
Line-Out
ƒ Power Connector
1 x 4 Pins, Terminal Block to support dual power input
ƒ Grounding Protection
Chassis Grounding
Digital I/O
ƒ 4-ch digital input
Wet/dry contact with Isolation Protection 2,500 VDC
ƒ 4-ch digital output
Compatible 5 V/TTL, Capable Sink: 24 mA max. per channel
Application Software
Version : V2.1 or above
An innovative remote device management software, allowing
efficient remote monitoring, quick recovery & backup, and
real-time remote configuration, to create a more intelligent and
interconnected embedded computing solution.
Version : V7.1 or above
WebAccess, as the core of Advantech’s IoT solution, is full web
browser-based software package for HMI and SCADA software.
All HMI and SCADA software features including: Animated
Graphics Displays, Real-time Data, Control, Trends, Alarms
and Logs, are available in a standard web browser. WebAccess
is built around the latest internet technologies. With its open
architecture, vertical domain applications can easily be
integrated.
Version : V2.0.3.8 or above
Panel Express, a windows based HMI mini SCADA, realizes
the cross platform flexibility offered by WebOP Designer to
switch hardware for the consideration of cost and performance
become an easy job. Panel Express software provides the best
economic and express solution for data intensive high-end
HMI applications.
Version : V2.0.3.8 or above
An easy to use integrated development tool featuring solution-
oriented screen objects, high-end graphics, Windows fonts for
multi-language applications. WebOP runtime, a part of WebOP
Designer, guarantees reliability and performance because of the
minimum system overhead, high communication data rates,
and sub-second screen switching.
NEW
RoHS
COMPLIANT
2002/95/EC
Last updated : 10-Jun-2015
All product specifications are subject to change without notice


Similar Part No. - UNO-1372-E3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-1372G ADVANTECH-UNO-1372G Datasheet
953Kb / 2P
   Intel® Atom™ Quad-Core Small Size Control DIN-rail PC w/ 3 x GbE, built-in 4GB DDR3L, 2 x mPCIe, 1 mSATA, 2 x COM, 8 x DI/O, 3 x USB, HDMI, VGA
6-Jan-2021
UNO-1372G ADVANTECH-UNO-1372G Datasheet
724Kb / 15P
   WISE-EdgeLink
Jan. 26,2022 v1.0
UNO-1372G-E3AE ADVANTECH-UNO-1372G-E3AE Datasheet
953Kb / 2P
   Intel® Atom™ Quad-Core Small Size Control DIN-rail PC w/ 3 x GbE, built-in 4GB DDR3L, 2 x mPCIe, 1 mSATA, 2 x COM, 8 x DI/O, 3 x USB, HDMI, VGA
6-Jan-2021
UNO-1372G-J ADVANTECH-UNO-1372G-J Datasheet
407Kb / 1P
   Modular iDoor Box with LTE-A/UMTS/ HSPA, Antennas, and SIM Slot for EMEA/APAC
25-May-2020
UNO-1372G-J ADVANTECH-UNO-1372G-J Datasheet
1Mb / 2P
   Intel® Celeron® J1900 Small-Size DIN-rail Control PC, 4G DDR3L, 2 GbE, iso. 4 COM, 4 DI, 4 DO, 4 USB, HDMI, DP, TPM2.0
6-Jan-2021
More results

Similar Description - UNO-1372-E3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-1372G ADVANTECH-UNO-1372G Datasheet
953Kb / 2P
   Intel® Atom™ Quad-Core Small Size Control DIN-rail PC w/ 3 x GbE, built-in 4GB DDR3L, 2 x mPCIe, 1 mSATA, 2 x COM, 8 x DI/O, 3 x USB, HDMI, VGA
6-Jan-2021
UNO-3483G ADVANTECH-UNO-3483G_15 Datasheet
868Kb / 2P
   Intel짰 Core??i7 Control Cabinet PC w/ 2 x GbE, 2 x mPCIe, HDMI/VGA
UNO-1483G ADVANTECH-UNO-1483G_15 Datasheet
1Mb / 2P
   Intel짰 Core??i3 Regular-Size Control DIN-Rail PC w/ 4 x GbE, 3 x mPCIe,1 PCIe, DP/VGA, 8 DI/O
UNO-2473G ADVANTECH-UNO-2473G_15 Datasheet
684Kb / 2P
   Intel짰 Atom??Regular-Size Automation Computer w/ 4 x GbE, 3 x mPCIe,HDMI/VGA
APAX-5580 ADVANTECH-APAX-5580_15 Datasheet
252Kb / 1P
   Intel짰 Core??i7/i3/Celeron DIN-Rail IPC w/ 2 x GbE, 2 x mPCIe, VGA
UNO-2272G ADVANTECH-UNO-2272G_15 Datasheet
626Kb / 2P
   Intel짰 Atom??Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA
ESRP-CSS-UNO137 ADVANTECH-ESRP-CSS-UNO137 Datasheet
670Kb / 2P
   Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2, 1 x mPCIe, and TPM 2.0
15-Apr-2022
UNO-2483G ADVANTECH-UNO-2483G_15 Datasheet
596Kb / 2P
   Intel짰 Core??i7/i3/Celeron Regular-Size Automation Computer w/ 4 x GbE,3 x mPCIe, HDMI/VGA
UNO-137 ADVANTECH-UNO-137 Datasheet
671Kb / 2P
   Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2 B key, 1 x mPCIe, and TPM 2.0
13-Jun-2022
UNO-1172A ADVANTECH-UNO-1172A_14 Datasheet
263Kb / 1P
   Intel짰 Atom D510 DIN-rail PCs with 3 x LAN, 2 x COM, VGA, Mini PCIe, PC/104
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com