Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-3813I Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-3813I
Description  250 kS/s, 12-bit, 16-ch Multifunction PCI-104 Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-3813I Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-3813I Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
PCM-3810I
PCM-3813I
250 kS/s, 12-bit, 16-ch
Multifunction PCI-104 Module
100 kS/s, 12-bit, 32-ch
Isolated Analog Input PCI-104 Module
Specifications
Analog Input
ƒ
Channels
16 single-ended or 8 differential or combination
ƒ
Resolution
12 bits
ƒ
Max. Sampling Rate
250 kS/s
ƒ
Ring Buffer Size
4,096 samples
ƒ
Input Range and Gain List
Gain
0.5
1
2
4
8
Unipolar
N/A
0 ~ 10
0 ~ 5
0 ~ 2.5
0 ~ 1.25
Bipolar
±10
±5
±2.5
±1.25
±0.625
ƒ
Input Protection
30 Vp-p
ƒ
Sampling Mode
Polling, pacer, double-clock, or external clock
ƒ
Trigger Mode
Pre-trigger, post-trigger, delay-trigger, about-trigger
Analog Output
ƒ
Channels
2
ƒ
Output Range
Internal Reference (V): 0 ~ 5, 0 ~ 10, ±5, ±10
External Reference:
0 ~ +x V @ +x V (-10
≤ x ≤ 10)
-x ~ +x V @ +x V (-10
≤ x ≤ 10
ƒ
Resolution
12 bits
ƒ
Output Rate
250 kS/s
ƒ
Ring Buffer Size
4,096 samples
ƒ
Slew Rate
20 V/μs
ƒ
Operation Mode
Software polling, continuous out
Digital Input/Output
ƒ
Channels
16
ƒ
Compatibility
5V/TTL
Counter/Timer
ƒ
Channels
3 (independent)
ƒ
Resolution
24 bits
ƒ
Compatibility
5 V/TTL
ƒ
Max. Input Frequency
10 MHz
ƒ
Counter Modes
12 (programmable)
ƒ
Interrupt Capable Ch.
3
ƒ
PWM Channels
3
General
ƒ
Bus Type
PCI-104
ƒ
I/O Connectors
1 x 26-pin, 1 x 50-pin box header
ƒ
Dimensions (L x H)
96 x 90 mm (3.8" x 3.5")
ƒ
Operating Temperature 0 ~ 60°C (32 ~ 140°F)
ƒ
Storage Temperature
-20 ~ 70°C (-4 ~158°F)
Ordering Information
ƒ
PCM-3810I
250 kS/s, 12-bit Multi. PCI-104 Module
Accessories
ƒ
PCL-10150-1.2E
50-pin Flat Cable, 1.2 m
ƒ
ADAM-3950
50-pin DIN-rail Flat Cable Wiring Board
PCM-3810I
PCM-3813I
Features
ƒ Compact size with robust design
ƒ 32 single-ended or 16 differential analog inputs
ƒ Programmable gain for each input channel
ƒ Automatic channel/ gain/ SD scanning
ƒ Onboard ring buffer (1,024 samples)
ƒ Isolation protection (2,500 VDC)
Specifications
Analog Input
ƒ
Channels
32 single-ended or 16 differential or combination
ƒ
Resolution
12 bits
ƒ
Max. Sampling Rate
100 kS/s
ƒ
Ring Buffer Size
1,024 samples
ƒ
Input Range and Gain List
Gain
0.5
1
2
4
8
Unipolar
N/A
0 ~ 10
0 ~ 5
0 ~ 2.5
0 ~ 1.25
Bipolar
±10
±5
±2.5
±1.25
±0.625
ƒ
Input Protect
30 Vp-p
ƒ
Input Impedance
100 M
W/10pF (off); 100 MW/100pF (on)
ƒ
Sampling Mode
Software polling, onboard programmable pacer, or
external TTL trigger
General
ƒ
Bus Type
PCI-104
ƒ
I/O Connectors
1 x 40-pin box header
ƒ
Dimensions (L x H)
96 x 90 mm (3.8" x 3.5")
ƒ
Operating Temperature 0 ~ 60°C (32 ~ 140°F)
ƒ
Storage Temperature
-20 ~ 70°C (-4 ~158°F)
Ordering Information
ƒ
PCM-3813I
100 kS/s, 12-bit Isolated AI PCI-104 Module
Accessories
ƒ
PCL-10141-0.2E
IDE#2 40-pin to DB37(F) Flat CABLE, 0.2 m
ƒ
PCL-10137-1E
DB37 Cable, 1 m
ƒ
PCL-10137-2E
DB37 Cable, 2 m
ƒ
PCL-10137-3E
DB37 Cable, 3 m
ƒ
ADAM-3937
DB37 DIN-rail Wiring Board
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 19-Mar-2014


Similar Part No. - PCM-3813I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3810I ADVANTECH-PCM-3810I Datasheet
550Kb / 2P
   PC/104 I/O & Power Modules
PCM-3810I ADVANTECH-PCM-3810I Datasheet
550Kb / 2P
   100 kS/s, 12-bit, 16-Ch PC/104 Multi-function Modules
15-Jan-2014
PCM-3810I-AE ADVANTECH-PCM-3810I-AE Datasheet
550Kb / 2P
   PC/104 I/O & Power Modules
More results

Similar Description - PCM-3813I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3718HO ADVANTECH-PCM-3718HO_14 Datasheet
403Kb / 1P
   100 kS/s, 12-bit, 16-ch Multifunction PC/104 Module
PCI-1716 ADVANTECH-PCI-1716 Datasheet
457Kb / 2P
   250 kS/s, 16-bit, 16-ch PCI Multifunction Card
PCI-1716 ADVANTECH-PCI-1716_15 Datasheet
223Kb / 1P
   250 kS/s, 16-bit, 16-ch PCI Multifunction DAQ Card
PCI-1710 ADVANTECH-PCI-1710 Datasheet
648Kb / 2P
   100 kS/s, 12-bit, 16-ch PCI Multifunction Card
PCI-1710-L ADVANTECH-PCI-1710-L Datasheet
648Kb / 2P
   100 kS/s, 12-bit, 16-ch PCI Multifunction Card
PCI-1718HDU ADVANTECH-PCI-1718HDU Datasheet
574Kb / 2P
   100 kS/s, 12-bit, 16-ch Universal PCI Multifunction Card
USB-4711A ADVANTECH-USB-4711A Datasheet
527Kb / 1P
   150 kS/s, 12-bit, 16-ch Multifunction USB Module
PCI-1706U ADVANTECH-PCI-1706U Datasheet
205Kb / 1P
   250 kS/s, 16-bit, Simultaneous 8-ch Universal PCI Multifunction Card
MIC-3714 ADVANTECH-MIC-3714 Datasheet
170Kb / 1P
   250 kS/s, 16-bit, 16-ch CPCI Multifunction Card
PCI-1711 ADVANTECH-PCI-1711 Datasheet
643Kb / 2P
   Entry-level 100 kS/s, 12-bit, 16-ch PCI Multifunction Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com