Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1608-MAX1609 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1608-MAX1609
Description  Octal SMBus-to-Parallel I/O Expanders
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1608-MAX1609 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1608-MAX1609 Datasheet HTML 4Page - Maxim Integrated Products MAX1608-MAX1609 Datasheet HTML 5Page - Maxim Integrated Products MAX1608-MAX1609 Datasheet HTML 6Page - Maxim Integrated Products MAX1608-MAX1609 Datasheet HTML 7Page - Maxim Integrated Products MAX1608-MAX1609 Datasheet HTML 8Page - Maxim Integrated Products MAX1608-MAX1609 Datasheet HTML 9Page - Maxim Integrated Products MAX1608-MAX1609 Datasheet HTML 10Page - Maxim Integrated Products MAX1608-MAX1609 Datasheet HTML 11Page - Maxim Integrated Products MAX1608-MAX1609 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
use the send-byte protocol. The shorter receive-byte
protocol can be used instead of the read-byte protocol,
provided the correct data register was previously
selected by a read-byte or write-byte instruction. Use
caution with the shorter protocols in multimaster sys-
tems, since a second master could overwrite the com-
mand byte without informing the first master. The
register selected at POR is 0b0000 0000 so that a
receive-byte transmission that occurs immediately after
initial power-up returns the setting of NDR1. SPOR
does not reset the register pointer.
Data Registers
The MAX1608/MAX1609 each have seven data regis-
ters, three normal registers, three suspend registers,
and one readback register. The SMBUS line deter-
mines which registers controls the output states and
the interrupt mask states (normal registers if SUSBUS =
1, suspend registers if SMBSUS = 0).
Registers 1 (NDR1 and SDR1) set the state of each of
the eight outputs to either low or high impedance.
When using an external pull-up, high impedance corre-
sponds to an output high. To use the IO_ pins as TTL
inputs only, set the corresponding bit high. The
MAX1608 powers up with all IO_ pins set low; the
MAX1609 powers up with all IO_ pins set to high
impedance (Table 3).
Register 2 (NDR2 and SDR2) are used to mask rising-
edge triggered interrupts, while Register 3 are used to
mask falling-edge triggered interrupts. On power-up, all
interrupts are masked (Tables 4 and 5).
The IO_ Status Data Register (RSB, Table 6) reads the
actual TTL-logic level of the IO_ pins. The IO_ pins are
sampled on the falling edge of the third byte’s acknowl-
edge (ACK) for a read-byte format, or on the falling
edge of the first byte’s ACK for a receive-byte protocol
(Figure 5). There is a 15µs data-setup time require-
ment, due to the slow level translators needed for high-
voltage (28V) operation. Data-hold time is 300ns. Do
not write to the RSB register because writes to read-
only registers are redirected to NDR1. SMBus sends
Octal SMBus-to-Parallel I/O Expanders
8
_______________________________________________________________________________________
1b
ACK
1b
7 bits
ADDRESS
ACK
1b
WR
8 bits
DATA
1b
ACK
P
8 bits
S
COMMAND
Write-Byte Format
Receive-Byte Format
Slave Address
Command Byte: selects
which register you are
writing to
Data Byte: data goes into the register
set by the command byte
1b
ACK
1b
7 bits
ADDRESS
ACK
1b
WR
S
1b
ACK
8 bits
DATA
7 bits
ADDRESS
1b
RD
1b
8 bits
///
P
S
COMMAND
Slave Address
Slave Address
Command Byte: sends command
with no data; usually used for one-
shot command
Command Byte: selects
which register you are
reading from
Slave Address: repeated
due to change in data-
flow direction
Data Byte: reads from
the register set by the
command byte
1b
ACK
7 bits
ADDRESS
1b
RD
8 bits
DATA
1b
///
P
S
Data Byte: reads data from
the register commanded
by the last read-byte or
write-byte transmission;
also used for SMBus Alert
Response return address
S = Start condition
Shaded = Slave transmission
WR = Write = 0
P = Stop condition
Ack= Acknowledged = 0
RD = Read =1
/// = Not acknowledged = 1
Figure 2. SMBus Protocols
1b
ACK
7 bits
ADDRESS
1b
WR
8 bits
COMMAND
1b
ACK
P
S
Send-Byte Format
Read-Byte Format


Similar Part No. - MAX1608-MAX1609

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1608 MAXIM-MAX1608 Datasheet
248Kb / 17P
   Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX1608EEE MAXIM-MAX1608EEE Datasheet
248Kb / 17P
   Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX1608 MAXIM-MAX1608_V01 Datasheet
248Kb / 17P
   Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
More results

Similar Description - MAX1608-MAX1609

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1608 MAXIM-MAX1608_V01 Datasheet
248Kb / 17P
   Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX7328 MAXIM-MAX7328 Datasheet
726Kb / 11P
   I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
Texas Instruments
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9557 PERICOM-PI4IOE5V9557 Datasheet
597Kb / 15P
   SMBus I/O port with reset
logo
Texas Instruments
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
   SMBus low power I/O port
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com