Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC-3106-H2-AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIC-3106-H2-AE
Description  4U CompactPCI With 7 Peripheral Slots
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-3106-H2-AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIC-3106-H2-AE Datasheet HTML 1Page - Advantech Co., Ltd. MIC-3106-H2-AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CompactPCI Systems
Features
ƒ 4U CompactPCI supports 2 or 7 peripheral slots
ƒ High performance or low power consumption CPU selectable
ƒ Lockable power on/off switch prevents inadvertent access
ƒ 40dB Ultra low system noise for working environments
ƒ Easy-accessible cooling fan and air filter for system maintenance
ƒ Robust design, Anti-Vibration up to 2G with SSD
Introduction
The MIC-3106 and 3111 are Advantech's latest IPC’s and the first to use the CompactPCI standard. CompactPCI is an open standard that gives users the flexibility to add the components
that they need. The small footprint of MIC-3106 and 3111 makes it the smallest CPCI system available and offers either 2 or 7 expansion slots to give users the flexibility to build the
system they require. For improved access and configuration, the MIC-3106 and 3111 are front accessible and the highly reliable nature of CompactPCI makes it the perfect choice
for industrial applications. The three available models in the MIC-3106 and 3111 offer a choice of either high power or low power CPUs and therefore a range of prices to suit the
requirements of specific companies.
Specifications
MIC-3106
MIC-3111
Power Supply
Power Type
ATX
ATX
Input Voltage
100 ~ 240 VAC
100 ~ 240 VAC
Wattage
180W
180W
ON/OFF Switch
Lockable Toggle Switch
Lockable Toggle Switch
Backplane
System Slot
1, on the right
1, on the right
Peripheral Slot
2 Slots
7 Slots
PCI Bus
32-bit 33MHz
32-bit 33MHz
Physical
Dimensions (W x H x D mm)
134 x 177 x 238
234 x 177 x 258
Weight (kg)
4.33 Kg
6.14 Kg
Environment
Temperature
Operating
0 ~ 50°C
0 ~ 50°C
Non-Operating
-20 ~ 60°C
-20 ~ 60°C
Humidity
(non-condensing)
Operating
10 ~ 85% @ 40°C
10 ~ 85% @ 40°C
Non-Operating
10 ~ 95% @ 40°C
10 ~ 95% @ 40°C
Vibration
(5 ~ 500 Hz)
Operating
2Grms (without HDD)
2Grms (without HDD)
Non-Operating
2G
2G
Shock (11ms)
Operating
10G
10G
Non-Operating
30G
30G
Compliance
Regulatory
CE, FCC, CCC, UL, RoHS
CE, FCC, CCC, UL, RoHS
Compliance
PICMG 2.0 Rev. 3.0
PICMG 2.0 Rev. 3.0
MIC-3111
MIC-3106
Preliminary
4U CompactPCI With 2 Peripheral Slots
4U CompactPCI With 7 Peripheral Slots
Ordering Information
Part Number
Description
MIC-3106-00-AE
Modular Industrial Chassis 4U, 2 slots, w/ 180W
MIC-3111-00-AE
Modular Industrial Chassis 4U, 7 slots, w/ 180W
MIC-3106-L1-AE
4U, 2 slots, w/ 180W, MIC-3325N
MIC-3106-L2-AE
4U, 2 slots, w/ 180W, MIC-3325D
MIC-3106-H1-AE
4U, 2 slots, w/ 180W, MIC-3328 w/ 3217UE
MIC-3111-L1-AE
4U, 7 slots, w/ 180W, MIC-3325N
MIC-3111-L2-AE
4U, 7 slots, w/ 180W, MIC-3325D
MIC-3111-H1-AE
4U, 7 slots, w/ 180W, MIC-3328 w/ 3217UE
MIP-3104-AE
MIC-3100 PCI Hybrid Box
MIC-3106-H2-AE
4U, 2 slots, w/ 180W, MIC-3328 w/ 3517UE
MIC-3111-H2-AE
4U, 7 slots, w/ 180W, MIC-3328 w/ 3517UE
Optional Accessories
Part Number
Description
1990024035N000
Fan filter 130 x 10 x 12 mm3 (for MIC-3106)
1990024034N000
Fan filter 230 x 10 x 10 mm3 (for MIC-3111)
1750002440
Bottom side fan 60 x 60 x 13 mm3
1750007398-01
Up side blower 51 x 51 x 15 mm3
1960064154N001
4HP bracket cover
1960064193N001
Wall Mount Kit for MIC-3106
1960064192N001
Wall Mount Kit for MIC-3111
1960064183N001
Table Mount for MIC-3106
1960064184N001
Table Mount for MIC-3111
MIC-3106
MIC-3111
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - MIC-3106-H2-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3121-00-AE ADVANTECH-MIC-3121-00-AE Datasheet
283Kb / 2P
   4U CompactPCI With 7 Peripheral Slots
MIC-3121-H1-AE ADVANTECH-MIC-3121-H1-AE Datasheet
283Kb / 2P
   4U CompactPCI With 7 Peripheral Slots
MIC-3121-H2-AE ADVANTECH-MIC-3121-H2-AE Datasheet
283Kb / 2P
   4U CompactPCI With 7 Peripheral Slots
MIC-3121-L1-AE ADVANTECH-MIC-3121-L1-AE Datasheet
283Kb / 2P
   4U CompactPCI With 7 Peripheral Slots
MIC-3121-L2-AE ADVANTECH-MIC-3121-L2-AE Datasheet
283Kb / 2P
   4U CompactPCI With 7 Peripheral Slots
More results

Similar Description - MIC-3106-H2-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3121 ADVANTECH-MIC-3121_15 Datasheet
283Kb / 2P
   4U CompactPCI With 7 Peripheral Slots
logo
Adlink Technology Inc.
CPCIS-P2630R ADLINK-CPCIS-P2630R Datasheet
163Kb / 2P
   4U CompactPCI Hybrid PlusIO System with 5 CompactPCI
logo
Advantech Co., Ltd.
MIC-3001 ADVANTECH-MIC-3001 Datasheet
188Kb / 2P
   4U CompactPCI Enclosure with 8 slot 3U Backplane
MIC-3002A ADVANTECH-MIC-3002A Datasheet
58Kb / 1P
   4U CompactPCI Enclosure with 6-slot 3U Backplane
logo
List of Unclassifed Man...
CPCIS-6400U ETC2-CPCIS-6400U Datasheet
349Kb / 2P
   4U 5-slot CompactPCI Chassis with Redundant Power Supplies
logo
Adlink Technology Inc.
CPCIS-6400U ADLINK-CPCIS-6400U Datasheet
236Kb / 2P
   4U 5-slot CompactPCI Chassis with Redundant Power Supplies
CPCIS-6418U ADLINK-CPCIS-6418U Datasheet
845Kb / 2P
   4U 8-slot CompactPCI System with Redundant Power Supplies
logo
Advantech Co., Ltd.
IPPC-4000D ADVANTECH-IPPC-4000D Datasheet
662Kb / 2P
   5.7 VGA TFT LCD 4U 19 Rack Industrial Panel PC with 7 Expansion Slots
SYS-4U510-4A03 ADVANTECH-SYS-4U510-4A03 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots
SYS-4U4000-4A04 ADVANTECH-SYS-4U4000-4A04_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com