Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1608EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1608EEE
Description  Octal SMBus-to-Parallel I/O Expanders
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1608EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1608EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Octal SMBus-to-Parallel I/O Expanders
_______________________________________________________________________________________
5
VIO_
500mV/div
V+
2V/div
PULL-UP = 10k
Ω to V+
MAX1608
IO_ POWER-UP RESPONSE
Typical Operating Characteristics (continued)
(V+ = +5V, TA = +25°C, unless otherwise noted.)
IO_
2V/div
ALERT
5V/div
200ns/div
IO_ DRIVEN EXTERNALLY
ALERT DELAY
(IO_ FALLING)
NAME
FUNCTION
1– 8
IO0– IO7
Combined Input/Output. Open-drain output. Can withstand +28V.
9
GND
Ground
PIN
10, 11
ADD0, ADD1
SMBus Address Select. See Table 1.
12
SMBDATA
SMBus Serial-Data Input/Output. Open-drain output. Requires external pull-up resistor.
16
V+
Supply Voltage Input, +2.7V to +5.5V. Bypass to GND with a 0.1µF capacitor.
15
SMBSUS
SMBus Suspend-Mode Control Input. The device will enter the state previously stored in
the suspend-mode registers if low, or enter the state previously stored in the normal-mode
registers if high.
14
SMBCLK
SMBus Serial Clock Input
13
ALERT
Active-Low Interrupt Output. Open-drain output. Requires external pull-up resistor.
Pin Description
Detailed Description
The MAX1608/MAX1609 convert 2-wire SMBus serial
data into eight latched parallel outputs (IO0–IO7). These
devices are intended for general-purpose remote I/O
expansion. Each device has eight high-voltage open-
drain outputs that double as TTL-level logic inputs.
Typical applications range from high-side MOSFET load-
switch drivers in power-management systems, to push-
button switch monitors, to general-purpose digital I/Os.
The MAX1608/MAX1609 include two complete sets of
registers, each consisting of one output data register to
set the output states and two interrupt mask registers.
The SMBSUS line selects which set of registers control
the device state. The input register is used to perform
readback of the actual IO states.
The MAX1608/MAX1609 operate from a single +2.7V
to +5.5V supply with a typical quiescent current of
2.5µA, making them ideal for portable applications.
Additionally, the devices include an ALERT function to
alert the master of change of condition (Figure 1).


Similar Part No. - MAX1608EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1608EEE MAXIM-MAX1608EEE Datasheet
248Kb / 17P
   Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
More results

Similar Description - MAX1608EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1608 MAXIM-MAX1608_V01 Datasheet
248Kb / 17P
   Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX7328 MAXIM-MAX7328 Datasheet
726Kb / 11P
   I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
Texas Instruments
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9557 PERICOM-PI4IOE5V9557 Datasheet
597Kb / 15P
   SMBus I/O port with reset
logo
Texas Instruments
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
   SMBus low power I/O port
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com