Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX158BCAI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX158BCAI
Description  CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX158BCAI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX158BCAI Datasheet HTML 4Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 5Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 6Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 7Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 8Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 9Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 10Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 11Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
_____________Analog Considerations
Reference and Input
The VREF+ and VREF- inputs of the converter define the
zero and the full-scale of the ADC. In other words, the
voltage at VREF- is equal to the input voltage that pro-
duces an output code of all zeros, and the voltage at
VREF+ is equal to input voltage that produces an output
code of all ones (Figure 7).
Figure 8 shows some possible reference configura-
tions. A 0.01µF bypass capacitor to GND should be
used to reduce the high-frequency output impedance
of the internal reference. Larger capacitors should not
be used, as this degrades the stability of the reference
buffer. The 2.5V reference output is with respect to the
GND pin.
Bypassing
A 47µF electrolytic and 0.1µF ceramic capacitor should
be used to bypass the VDD pin to GND. These capaci-
tors must have minimum lead length, since excess lead
length may contribute to conversion errors and insta-
bility. If the reference inputs are driven by long lines,
they should be bypassed to GND with 0.1µF capac-
itors at the reference input pins.
CMOS High-Speed 8-Bit ADCs with
Multiplexer and Reference
8
_______________________________________________________________________________________
DATA
NEW
DATA
ADDR
VALID
INT
RDY
RD
ANALOG
CHANNEL
ADDRESS
CS
tAS
tAH
tRDY
tACCI
tCRD
tRD
tCSS
tRD
tRDY
tINTH
tDH
tAH
tINTH
tAS
tP
tCSS
tCSH
ADDR
VALID
OLD
DATA
tDH
tCSH
tACCI
Figure 6. Mode 1 Timing Diagram
11111111
11111110
11111101
00000011
00000010
00000001
00000000
1
VREF-
23
FS
VREF+
FS–1LSB
OUTPUT
CODE
FULL-SCALE
TRANSITION
1LSB = F8 = VREF+ - VREF-
256
256
AIN INPUT VOLTAGE
(IN TERMS OF LSBs)
Figure 7. Transfer Function


Similar Part No. - MAX158BCAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX158 MAXIM-MAX158 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582EBE-T MAXIM-MAX1582EBE-T Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582ETC MAXIM-MAX1582ETC Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1583 MAXIM-MAX1583 Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
More results

Similar Description - MAX158BCAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
logo
Maxim Integrated Produc...
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
logo
Analog Devices
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com