Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1602EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1602EEE
Description  Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1602EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1602EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1602EEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Single-Channel CardBus and PCMCIA VCC/VPP
Power-Switching Network
8
_______________________________________________________________________________________
Table 1. Standard “Intel” Code (82365SL),
CODE = GND
Table 2. “Cirrus” Code, CODE = High (VY)
STBY = Standby Mode
STBY = Standby Mode
MODE
Active
Active
Active
STBY
Active
Active
Active
Active
STBY
STBY
STBY
Active
Active
Active
Active
Active
A0VPP
VPP
0
12IN
1
VCC
0
GND
1
GND
1
High-Z
0
GND
1
VCC
0
12IN
1
0
GND
GND
0
GND
1
High-Z
0
GND
1
VCC
0
12IN
1
High-Z
VCC
VX
VY
VY
VY
VY
GND
VY
VX
VY
VY
VX
VX
VY
GND
GND
GND
A1VCC
A1VPP
0
1
0
0
0
0
0
1
0
1
1
0
1
0
1
1
0
0
0
0
0
1
1
1
1
0
1
0
1
1
1
1
A0VCC
0
1
1
1
1
0
1
0
1
1
0
0
1
0
0
0
______________________________________________________________Pin Description
__________________________________________________________Logic Truth Tables
MODE
Active
Active
Active
STBY
Active
Active
Active
A1VCC
Active
STBY
A1VPP
0
STBY
STBY
1
0
Active
STBY
0
0
STBY
STBY
0
0
STBY
1
0
A0VPP
1
1
VPP
0
0
1
12IN
1
0
1
VCC
0
1
0
0
GND
1
0
High-Z
1
0
0
High-Z
0
1
1
GND
1
1
1
VCC
0
0
1
12IN
1
0
1
0
High-Z
1
1
High-Z
0
1
High-Z
1
High-Z
0
GND
1
GND
0
GND
1
GND
VCC
VY
VX
GND
VX
VX
High-Z
VX
VY
GND
GND
VY
VY
A0VCC
0
1
1
1
1
0
1
0
1
1
0
0
1
0
GND
0
0
High-Z
High-Z
High-Z
VY and Logic Supply Voltage Inputs. VY pins must be connected together. Input range is +3V to
+5.5V. VY is normally connected to 3.3V.
VY
8, 10
+12V Supply Voltage Input
12IN
2
VPP Control Input (
see Logic Truth Tables).
A1VPP
12
VX Supply Voltage Input. Input range is +3.0V to +5.5V. VX is normally connected to 5V.
VX
5
VPP Control Input (
see Logic Truth Tables).
A0VPP
11
VCC Output. Connect all four VCC pins together.
VCC
4, 6, 7, 9
PIN
Ground
GND
1
NAME
FUNCTION
VPP Output
VPP
3
VCC Control Input (see
Logic Truth Tables).
A1VCC
14
VCC Control Input (see
Logic Truth Tables).
A0VCC
13
Fault-Detection Output.
FAULT goes low during current limit, undervoltage lockout, or thermal
limit.
FAULT is an open-drain output that requires an external pull-up resistor.
FAULT
16
Three-Level Code-Select Input (see
Logic Truth Tables): Low = Standard “Intel” code,
High = “Cirrus” code, Mid-Supply = “Databook” code (Figure 4).
CODE
15


Similar Part No. - MAX1602EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020 MAXIM-MAX16020 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
More results

Similar Description - MAX1602EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Linear Technology
LT1312 LINER-LT1312_15 Datasheet
240Kb / 12P
   Single PCMCIA VPP Driver/Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com