Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPF-7324 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPF-7324
Description  Wi-Fi Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPF-7324 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPF-7324 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPF-7324 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved.
AV02-4019EN - February 20, 2013
Pin 3
(GND)
Pin 2
(ANT)
Pin 4
(TX/RX)
Pin 1
(GND)
Pin 5
(GND)
PIN 1 (GND) ORIENTATION
MARKING
Pin 3
(GND)
Pin 2
(ANT)
Pin 4
(TX/RX)
Pin 1
(GND)
Pin 5
(GND)
TOP VIEW
BOTTOM VIEW
SIDE VIEW
0.236
0.920
0.660
0.3175
0.3175
0.1875
0.1875
0.175
0.175
0.050 × 45°
PIN 1 (GND) INDICATED
BY UNCHAMFERED CORNER
0.250
MAX
Notes:
1. Dimensions in millimeters
2. Tolerance (unless otherwise noted):
X.XXX ± TBD
X.XXXX ± TBD
3. Dimensions nominal unless otherwise noted
4. Contact areas are gold plated
5. Package marking:
“A” = Avago logo and Pin 1 (GND) orientation
Pin Connections:
1, 3, 5
GND
2
ANT, Port 1
4
TX/RX, Port 2
Ordering Information
Part Number
No. of Devices
Container
ACPF-7324-BLK 100
Tape strip or Gel-Pack
ACPF-7324-TR1 3000
7-inch (178 mm) Reel


Similar Part No. - ACPF-7324

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPF-7324 BOARDCOM-ACPF-7324 Datasheet
120Kb / 2P
   Wi-Fi Bandpass Filter (2402.5 ??2481.5 MHz)
More results

Similar Description - ACPF-7324

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7624 AVAGO-ACPF-7624 Datasheet
318Kb / 3P
   Wi-Fi Bandpass Filter
logo
Broadcom Corporation.
ACPF-7624 BOARDCOM-ACPF-7624 Datasheet
318Kb / 3P
   Wi-Fi Bandpass Filter
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7424 AVAGO-ACPF-7424 Datasheet
159Kb / 2P
   Wi-Fi/ISM Bandpass Filter
logo
Broadcom Corporation.
ACPF-7324 BOARDCOM-ACPF-7324 Datasheet
120Kb / 2P
   Wi-Fi Bandpass Filter (2402.5 ??2481.5 MHz)
ACPF-7424 BOARDCOM-ACPF-7424 Datasheet
159Kb / 2P
   Wi-Fi/ISM Bandpass Filter (2401 ??2482 MHz)
logo
Qorvo, Inc
QPQ1906 QORVO-QPQ1906 Datasheet
299Kb / 5P
   Wi-Fi/IoT bandBoost Filter
QPQ1905 QORVO-QPQ1905 Datasheet
306Kb / 6P
   Wi-Fi/IoT bandBoost Filter
QPQ1909 QORVO-QPQ1909 Datasheet
278Kb / 5P
   Wi-Fi edgeBoost BAW Filter
QPQ1904 QORVO-QPQ1904 Datasheet
336Kb / 5P
   Wi-Fi bandBoost BAW Filter
QPQ1907 QORVO-QPQ1907_V01 Datasheet
449Kb / 7P
   Wi-Fi/LTE coexBoost BAW Filter
040820
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com