Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACMD-7606 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7606
Description  UMTS Band 8 Duplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7606 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACMD-7606 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Note:
1. Top view
Figure 25. PCB Layout, Via Detail
Figure 26. ACMD-7606 Superposed on PCB Layout
Notes:
1. Dimensions in mm
2. Top view
3. Via arrays: horiz pitch = 0.25, vert pitch = 0.25
141 X Ø 0.10 VIA
VIA ARRAY 1
2 X 0.17
VIA ARRAY 3
2X 0.12
VIA ARRAY 2
2.30
8 X 0.40 X 0.40
0.30 X 0.80
CHAMFER 0.12 X 45°
Figure 27. Recommended Solder Stencil
Figure 28. Solder Stencil Superposed on ACMD-7606
Notes:
1. Dimensions in mm
2. Top view
3. Chamfer or radius all corners 0.05 mm min
Notes:
1. Top view
2. Peripheral clearance of stencil aperture for center device pad is
0.05 mm. All other apertures match device pad 1:1


Similar Part No. - ACMD-7606

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACMD-7606 BOARDCOM-ACMD-7606 Datasheet
515Kb / 14P
   UMTS Band 8 Duplexer
ACMD-7606-BLK BOARDCOM-ACMD-7606-BLK Datasheet
515Kb / 14P
   UMTS Band 8 Duplexer
ACMD-7606-TR1 BOARDCOM-ACMD-7606-TR1 Datasheet
515Kb / 14P
   UMTS Band 8 Duplexer
More results

Similar Description - ACMD-7606

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACMD-7606 BOARDCOM-ACMD-7606 Datasheet
515Kb / 14P
   UMTS Band 8 Duplexer
ACMD-7605 BOARDCOM-ACMD-7605 Datasheet
1Mb / 13P
   Miniature UMTS Band 8 Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7605 AVAGO-ACMD-7605 Datasheet
1Mb / 13P
   Miniature UMTS Band 8 Duplexer
ACMD-7610 AVAGO-ACMD-7610 Datasheet
506Kb / 14P
   UMTS / Co-band GSM Rx Band 8 Duplexer
ACMD-7407 AVAGO-ACMD-7407 Datasheet
459Kb / 13P
   UMTS Band 2 Duplexer
ACMD-7407-TR1 AVAGO-ACMD-7407-TR1 Datasheet
459Kb / 13P
   UMTS Band 2 Duplexer
logo
Broadcom Corporation.
ACMD-6003 BOARDCOM-ACMD-6003 Datasheet
455Kb / 14P
   UMTS Band 3 Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7614 AVAGO-ACMD-7614 Datasheet
1Mb / 14P
   UMTS Band 1 Duplexer
logo
Broadcom Corporation.
ACMD-7617 BOARDCOM-ACMD-7617 Datasheet
488Kb / 14P
   UMTS Band 1 Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7602 AVAGO-ACMD-7602 Datasheet
886Kb / 12P
   Miniature UMTS Band I Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com