Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX158BCPI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX158BCPI
Description  CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX158BCPI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX158BCPI Datasheet HTML 3Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 4Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 5Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 6Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 7Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 8Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 9Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 10Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Interface Mode 0
Figure 5 shows the timing diagram for Mode 0 opera-
tion. This is used with microprocessors that have WAIT
state capability, whereby a READ instruction is extend-
ed to accommodate slow-memory devices. Taking CS
and RD low latches the analog multiplexer address and
starts a conversion. Data outputs DB0–DB7 remain in
the high-impedance condition until the conversion is
complete.
There are two status outputs: Interrupt (INT) and Ready
(RDY). RDY, an open-drain output (no internal pull-up
device), is connected to the processor’s READY/WAIT
input. RDY goes low on the falling edge of CS and goes
high impedance at the end of the conversion, when the
conversion result appears on the data outputs. If the
RDY output is not required, its external pull-up resistor
can be omitted. INT goes low when the conversion is
complete and returns high on the rising edge of CS or
RD.
Interface Mode 1
Mode 1 is designed for applications where the micro-
processor is not forced into a WAIT state. Taking CS
and RD low latches the multiplexer address and starts
a conversion (Figure 6). Data from the previous
conversion is immediately read from the outputs
(DB0–DB7).
INT goes high at the rising edge of CS or RD and goes
low at the end of the conversion. A second READ oper-
ation is required to read the result of this conversion.
The second READ latches a new multiplexer address
and starts another conversion. A delay of 2.5µs must
be allowed between READ operations. RDY goes low
on the falling edge of CS and goes high impedance at
the rising edge of CS. If RDY is not needed, its external
pull-up resistor can be omitted.
CMOS High-Speed 8-Bit ADCs with
Multiplexer and Reference
_______________________________________________________________________________________
7
500ns
VIN IS TRACKED
BY INTERNAL
COMPARATORS
VIN IS SAMPLED
AND THE FOUR MSBs
ARE LATCHED
SETUP TIME REQUIRED
BY THE INTERNAL
COMPARATORS PRIOR TO
STARTING CONVERSION
600ns
RD
INT GOING LOW INDICATES
THAT CONVERSION IS
COMPLETE AND THAT
DATA CAN BE READ
1000ns
Figure 4. Operating Sequence
DATA
DATA
VALID
ADDR
VALID
ADDR
VALID
INT
RDY
RD
ANALOG
CHANNEL
ADDRESS
CS
tAS
tAH
tRDY
tCRD
HIGH IMPEDANCE
tCSS
tCSS
tINTH
tDH
tACC2
tAS
tP
tCSH
Figure 5. Mode 0 Timing Diagram


Similar Part No. - MAX158BCPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX158 MAXIM-MAX158 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582EBE-T MAXIM-MAX1582EBE-T Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582ETC MAXIM-MAX1582ETC Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1583 MAXIM-MAX1583 Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
More results

Similar Description - MAX158BCPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
logo
Maxim Integrated Produc...
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
logo
Analog Devices
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com