Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX154BMRG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX154BMRG
Description  CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX154BMRG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX154BMRG Datasheet HTML 1Page - Maxim Integrated Products MAX154BMRG Datasheet HTML 2Page - Maxim Integrated Products MAX154BMRG Datasheet HTML 3Page - Maxim Integrated Products MAX154BMRG Datasheet HTML 4Page - Maxim Integrated Products MAX154BMRG Datasheet HTML 5Page - Maxim Integrated Products MAX154BMRG Datasheet HTML 6Page - Maxim Integrated Products MAX154BMRG Datasheet HTML 7Page - Maxim Integrated Products MAX154BMRG Datasheet HTML 8Page - Maxim Integrated Products MAX154BMRG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX154/MAX158 are high-speed multi-channel
analog-to-digital converters (ADCs). The MAX154 has
four analog input channels while the MAX158 has eight
channels. Conversion time for both devices is 2.5µs.
The MAX154/MAX158 also feature a 2.5V on-chip refer-
ence, forming a complete high-speed data acquisition
system.
Both converters include a built-in track/hold, eliminating
the need for an external track/hold. The analog input
range is 0V to +5V, although the ADC operates from a
single +5V supply.
Microprocessor interfaces are simplified by the ADC’s
ability to appear as a memory location or I/O port without
the need for external logic. The data outputs use latched,
three-state buffer circuitry to allow direct connection to a
microprocessor data bus or system input port.
________________________Applications
Digital Signal Processing
High-Speed Data Acquisition
Telecommunications
High-Speed Servo Control
Audio Instrumentation
____________________________Features
o One-Chip Data Acquisition System
o Four or Eight Analog Input Channels
o 2.5µs per Channel Conversion Time
o Internal 2.5V Reference
o Built-In Track/Hold Function
o 1/2LSB Error Specification
o Single +5V Supply Operation
o No External Clock
o New Space-Saving SSOP Package
______________Ordering Information
CMOS High-Speed 8-Bit ADCs with
Multiplexer and Reference
________________________________________________________________
Maxim Integrated Products
1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
VDD
N.C.
A0
A1
AIN1
AIN2
AIN3
AIN4
TOP VIEW
DB7
DB6
DB5
DB4
DB2
DB1
DB0
REF OUT
16
15
14
13
9
10
11
12
CS
RDY
VREF+
VREF-
GND
INT
RD
DB3
DIP/SO/SSOP
MAX154
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
AIN7
AIN8
VDD
A0
AIN3
AIN4
AIN5
AIN6
A1
A2
DB7
DB6
DB0
REF OUT
AIN1
AIN2
20
19
18
17
9
10
11
12
DB5
DB4
CS
RDY
RD
DB3
DB2
DB1
DIP/SO/SSOP
MAX158
16
15
13
14
VREF+
VREF-
GND
INT
__________________________________________________________Pin Configurations
19-0892; Rev 3; 12/96
PART
MAX154ACNG
MAX154BCNG
MAX154BC/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
24 Narrow
Plastic DIP
24 Narrow
Plastic DIP
Dice
MAX154ACWG
MAX154BCWG
MAX154ACAG
0°C to +70°C
0°C to +70°C
0°C to +70°C
24 Wide SO
24 Wide SO
24 SSOP
Ordering Information continued at end of data sheet.
ERROR
(LSB)
±1/2
±1
±1/2
±1/2
±1
±1/2
MAX154BCAG
0°C to +70°C
24 SSOP
±1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX154BMRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540ETJ MAXIM-MAX1540ETJ Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
More results

Similar Description - MAX154BMRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
logo
Maxim Integrated Produc...
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
logo
Analog Devices
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com