Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1603 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1603
Description  Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1603 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1603 Datasheet HTML 1Page - Maxim Integrated Products MAX1603 Datasheet HTML 2Page - Maxim Integrated Products MAX1603 Datasheet HTML 3Page - Maxim Integrated Products MAX1603 Datasheet HTML 4Page - Maxim Integrated Products MAX1603 Datasheet HTML 5Page - Maxim Integrated Products MAX1603 Datasheet HTML 6Page - Maxim Integrated Products MAX1603 Datasheet HTML 7Page - Maxim Integrated Products MAX1603 Datasheet HTML 8Page - Maxim Integrated Products MAX1603 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX159, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TIMING CHARACTERISTICS (Figure 7)
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX159, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: Tested at VDD = +2.7V.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after full-scale range has been
calibrated.
Note 3: Offset nulled.
Note 4: The on channel is grounded; the sine wave is applied to off channel (MAX157 only).
Note 5: Conversion time is defined as the number of clock cycles times the clock period; clock has 50% duty cycle.
Note 6: The common-mode range for the analog inputs is from GND to VDD (MAX159 only).
Note 7: ADC performance is limited by the converter’s noise floor, typically 300µVp-p.
Note 8: Guaranteed by design. Not subject to production testing.
Note 9: Measured as VFS(2.7V) - VFS(5.25V).
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
05
SCLK Clock Frequency
fSCLK
0.1
2.17
MHz
SCLK Fall to Output Data Valid
tDO
20
120
ns
215
CS/SHDN Fall to Output Enable
Wake-Up Time
tWAKE
2.5
µs
tDV
120
ns
CS/SHDN Rise to Output
Disable
tTR
120
ns
SCLK Pulse Width High
tCH
50
ns
CONDITIONS
Internal clock, SCLK for data transfer only
(Note 8)
Internal clock, SCLK for data transfer only
External clock
CL = 100pF
External clock
CL = 100pF (Figure 1)
CL = 100pF (Figure 1)
ns
SCLK to CS/SHDN Setup
tSCLKS
60
CS/SHDN Pulse Width
tCS
60
ns
215
SCLK Pulse Width Low
tCL
50
ns
Internal clock, SCLK for data transfer only
(Note 8)
External clock
POWER REQUIREMENTS
Power-Supply Rejection
(Note 9)
PSR
±0.15
mV
VDD = 2.7V to 5.25V, full-scale input
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Positive Supply Voltage
VDD
+2.7
+5.25
V
CONDITIONS
Positive Supply Current
IDD
0.9
2.0
mA
Operating mode
Positive Supply Current
IDD
0.2
5
µA
Shutdown, CS/SHDN = GND
POWER REQUIREMENTS


Similar Part No. - MAX1603

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
MAX16031ETM MAXIM-MAX16031ETM Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
More results

Similar Description - MAX1603

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com