Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1603 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1603
Description  Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1603 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1603 Datasheet HTML 1Page - Maxim Integrated Products MAX1603 Datasheet HTML 2Page - Maxim Integrated Products MAX1603 Datasheet HTML 3Page - Maxim Integrated Products MAX1603 Datasheet HTML 4Page - Maxim Integrated Products MAX1603 Datasheet HTML 5Page - Maxim Integrated Products MAX1603 Datasheet HTML 6Page - Maxim Integrated Products MAX1603 Datasheet HTML 7Page - Maxim Integrated Products MAX1603 Datasheet HTML 8Page - Maxim Integrated Products MAX1603 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX159, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND. .............................................................-0.3V to +6V
CH0, CH1 (CH+, CH-) to GND...................-0.3V to (VDD + 0.3V)
REF to GND ................................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND ...............................................-0.3V to +6V
DOUT to GND.............................................-0.3V to (VDD + 0.3V)
DOUT Sink Current ............................................................ 25mA
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.1mW/°C above +70°C) ......................330mW
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges
MAX157/MAX159_C_A .......................................0°C to +70°C
MAX157/MAX159_E_A ....................................-40°C to +85°C
MAX157/MAX159_MJA................................. -55°C to +125°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (fIN (sine wave) = 10kHz, VIN = 2.5Vp-p, 108ksps, external fSCLK = 2.17MHz, CH- = GND for MAX159)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Gain Error (Note 3)
±2
LSB
Offset Error
±2
LSB
Differential Nonlinearity
DNL
±0.5
LSB
±1
Gain Temperature Coefficient
±0.8
ppm/°C
Channel-to-Channel Offset
Matching
±0.02
LSB
Channel-to-Channel Gain
Matching
±0.02
LSB
Resolution
RES
10
Bits
Relative Accuracy (Note 2)
INL
±0.5
LSB
Signal-to-Noise Ratio plus
Distortion
SINAD
66
dB
Total Harmonic Distortion
(including 5th-order harmonic)
THD
-70
dB
Spurious-Free Dynamic Range
SFDR
70
dB
Channel-to-Channel Crosstalk
-75
dB
Small-Signal Bandwidth
2.25
MHz
Full-Power Bandwidth
1.0
MHz
CONDITIONS
No missing codes over temperature
MAX15_B
External reference, VREF = 2.5V
fIN = 65kHz, VIN = 2.5Vp-p (Note 4)
-3dB rolloff
MAX15_A


Similar Part No. - MAX1603

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
MAX16031ETM MAXIM-MAX16031ETM Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
More results

Similar Description - MAX1603

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com