Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1582EBE-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1582EBE-T
Description  High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1582EBE-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1582EBE-T Datasheet HTML 1Page - Maxim Integrated Products MAX1582EBE-T Datasheet HTML 2Page - Maxim Integrated Products MAX1582EBE-T Datasheet HTML 3Page - Maxim Integrated Products MAX1582EBE-T Datasheet HTML 4Page - Maxim Integrated Products MAX1582EBE-T Datasheet HTML 5Page - Maxim Integrated Products MAX1582EBE-T Datasheet HTML 6Page - Maxim Integrated Products MAX1582EBE-T Datasheet HTML 7Page - Maxim Integrated Products MAX1582EBE-T Datasheet HTML 8Page - Maxim Integrated Products MAX1582EBE-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX1582 drives up to six white LEDs in series with
a constant current to provide display backlighting for
two (main and sub-) displays in cell phones and other
hand-held devices. This configuration eliminates the
need for ballast resistors and expensive factory calibra-
tion. The proprietary dual-output, step-up pulse-width
modulation (PWM) converter includes a 30V, low RDSON
N-channel MOSFET switch for high efficiency and maxi-
mum battery life.
The MAX1582 utilizes 1MHz current-mode PWM control
to allow small input and output capacitors and a small
inductor, while minimizing ripple on the input supply and
avoiding interference to sensitive circuitry in the equip-
ment. Integrated overvoltage protection eliminates the
need for an external zener diode to protect the IC from
open circuit. Flexible dimming control utilizes either an
analog control signal or direct digital PWM control with-
out external RC filtering. This also increases dimming
accuracy at low brightness levels. The PWM dimming
signal can be any frequency from 200Hz to 200kHz.
Soft-start eliminates inrush current during startup.
The MAX1582 is available in tiny 4 4 chip-scale
(UCSP™) and 12-pin thin QFN packages.
Applications
Cell Phones with One or Two Displays
Smart Phones, Palmtops, and Wireless
Handhelds
Other Hand-Held Devices with Dual Displays
Features
o Accurate Current Regulation for Uniform
Illumination
o Lights Up Two LED Sections for Main and
Subdisplays
o Up to 84% Efficiency
o Internal High-Power, 30V MOSFET
o Low 15mVP-P Input Ripple
o Flexible Dimming Control
Analog DAC Controlled
Direct-Digital PWM (No RC Required)
from 200Hz to 200kHz
o Overvoltage Protection to Eliminate Zener Diode
o Constant 1MHz PWM Operation
o Low-Profile Inductor and Capacitors
o Soft-Start Eliminates Inrush Current
o 2.6V to 5.5V Input
o 0.01µA (typ) Shutdown Current
o Tiny UCSP (2.1mm 2.1mm 0.61mm) and Thin
QFN (4mm 4mm) Packages
High-Efficiency, 26V Step-Up Converter
for White LED Main and Subdisplay Backlighting
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2783; Rev 0; 4/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALU
ATION
KIT
AVAIL
ABLE
PART
TEMP RANGE
PIN-PACKAGE
TOP
MARK
MAX1582ETC
-40
°C to +85°C 12 Thin QFN-EP*
AACE
MAX1582EBE-T-40
°C to +85°C 16 UCSP-16
1582EBE
Pin Configurations
MAX1582
INPUT
2.6V TO 5.5V
2.2
µF
0.022
µF
0.1
µF
V+
VP
CTRL
EN1
EN2
COMP
22
µH
LX
OUT1
PGND
OUT2
CS
GND
2 TO 4 LEDS
MAIN
DISPLAY
2 TO 3 LEDS
SUB-
DISPLAY
7.5
ANALOG OR
DIRECT PWM
DIMMING
Typical Application Circuit
MAX1582
1
V+
TOP VIEW
2
VP
3
CTRL
OUT2
CS
EN2
9
8
7
12
11
10
45
6
4mm x 4mm
THIN QFN
Pin Configurations continued at end of data sheet.
*EP = Exposed paddle.
UCSP is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX1582EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1583 MAXIM-MAX1583 Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
MAX1583EVKIT MAXIM-MAX1583EVKIT Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
MAX1584 MAXIM-MAX1584 Datasheet
632Kb / 29P
   5-Channel Slim DSC Power Supplies
19-2883; Rev 0; 7/03
MAX1584-MAX1585 MAXIM-MAX1584-MAX1585 Datasheet
632Kb / 29P
   5-Channel Slim DSC Power Supplies
19-2883; Rev 0; 7/03
MAX1584ETJ MAXIM-MAX1584ETJ Datasheet
632Kb / 29P
   5-Channel Slim DSC Power Supplies
19-2883; Rev 0; 7/03
More results

Similar Description - MAX1582EBE-T

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WD3131E WILLSEMI-WD3131E Datasheet
394Kb / 14P
   High Efficiency, 26V Step-Up White LED Driver
logo
Maxim Integrated Produc...
MAX1561 MAXIM-MAX1561 Datasheet
245Kb / 10P
   High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
19-2731; Rev 1; 10/03
logo
Eutech Microelectronics...
EUP2520 EUTECH-EUP2520 Datasheet
652Kb / 13P
   Dual Output Step-Up Converter for White LED Backlighting and OLED Display Power Supply
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308_1 Datasheet
357Kb / 9P
   Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com