Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1600 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1600
Description  Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1600 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1600 Datasheet HTML 3Page - Maxim Integrated Products MAX1600 Datasheet HTML 4Page - Maxim Integrated Products MAX1600 Datasheet HTML 5Page - Maxim Integrated Products MAX1600 Datasheet HTML 6Page - Maxim Integrated Products MAX1600 Datasheet HTML 7Page - Maxim Integrated Products MAX1600 Datasheet HTML 8Page - Maxim Integrated Products MAX1600 Datasheet HTML 9Page - Maxim Integrated Products MAX1600 Datasheet HTML 10Page - Maxim Integrated Products MAX1600 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
_______________________________________________________________________________________
7
Detailed Description
The MAX157/MAX159 analog-to-digital converters
(ADCs) use a successive-approximation conversion
(SAR) technique and on-chip track/hold (T/H) structure
to convert an analog signal to a serial, 10-bit digital out-
put data stream.
This flexible serial interface provides easy interface to
microprocessors (µPs). Figure 2 shows a simplified
functional diagram of the internal architecture for both
the MAX157 (2 channels, single-ended) and the
MAX159 (1 channel, pseudo-differential).
Single-Ended (MAX157) and Pseudo-
Differential (MAX159) Analog Inputs
The sampling architecture of the ADC’s analog com-
parator is illustrated in the equivalent input circuit in
Figure 3. In single-ended mode (MAX157), both chan-
nels CH0 and CH1 are referred to GND and can be
connected to two different signal sources. Following the
power-on reset, the ADC is set to convert CH0. After
CH0 has been converted, CH1 will be converted, and
the conversions will continue to alternate between
channels. Channel switching is performed by toggling
the CS/SHDN pin. Conversions can be performed on
the same channel by toggling CS/SHDN twice between
conversions. If only one channel is required, CH0 and
CH1 may be connected together; however the output
data will still contain the channel identification bit
(before the MSB).
For the MAX159, the input channels form a single differ-
ential channel pair (CH+, CH-). This configuration is
pseudo-differential to the effect that only the signal at
IN+ is sampled. The return side IN- must remain stable
within ±0.5LSB (±0.1LSB for optimum results) with
respect to GND during a conversion. To accomplish
this, connect a 0.1µF capacitor from IN- to GND.
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. The
acquisition interval spans from when CS/SHDN falls to
the falling edge of the second clock cycle (external
clock mode) or from when CS/SHDN falls to the first
falling edge of SCLK (internal clock mode). At the end
of the acquisition interval, the T/H switch opens, retain-
ing charge on CHOLD as a sample of the signal at IN+.
The conversion interval begins with the input multiplex-
er switching CHOLD from the positive input (IN+) to the
negative input (IN-). This unbalances node ZERO at the
comparator’s positive input.
6k
CL
DOUT
a) HIGH-Z TO V0H, V0L TO V0H, AND VOH TO HIGH-Z
6k
CL
DOUT
GND
GND
VDD
b) HIGH-Z TO V0L, V0H TO V0L, AND VOL TO HIGH-Z
Figure 1. Load Circuits for Enable and Disable Time
Pin Description
NAME
FUNCTION
1
VDD
Positive Supply Voltage, +2.7V to +5.25V
2
CH0 (CH+)
Analog Input, MAX157: Single-Ended (CH0); MAX159: Differential (CH+).
PIN
3
CH1 (CH-)
Analog Input, MAX157: Single-Ended (CH1); MAX159: Differential (CH-).
4
GND
Analog and Digital Ground
8
SCLK
Serial Clock Input. DOUT changes on the falling edge of SCLK.
7
DOUT
Serial Data Output. Data changes state at SCLK’s falling edge. High impedance when CS/SHDN is high.
6
CS/SHDN
Active-Low Chip-Select Input, Active-High Shutdown Input. Pulling CS/SHDN high puts chip into
shutdown with a maximum current of 5µA.
5
REF
External Reference Voltage Input. Sets analog voltage range. Bypass with a 100nF capacitor close to the
part.


Similar Part No. - MAX1600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16000_TC++ MAXIM-MAX16000_TC+ Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX16001 MAXIM-MAX16001 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX16001 MAXIM-MAX16001_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results

Similar Description - MAX1600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com