Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1603EAI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1603EAI
Description  Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1603EAI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1603EAI Datasheet HTML 1Page - Maxim Integrated Products MAX1603EAI Datasheet HTML 2Page - Maxim Integrated Products MAX1603EAI Datasheet HTML 3Page - Maxim Integrated Products MAX1603EAI Datasheet HTML 4Page - Maxim Integrated Products MAX1603EAI Datasheet HTML 5Page - Maxim Integrated Products MAX1603EAI Datasheet HTML 6Page - Maxim Integrated Products MAX1603EAI Datasheet HTML 7Page - Maxim Integrated Products MAX1603EAI Datasheet HTML 8Page - Maxim Integrated Products MAX1603EAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MHz
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX159, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONVERSION RATE
0.5
ISINK = 16mA
Three-State Output Capacitance
15
pF
COUT
CS/SHDN = VDD (Note 8)
Output High Voltage
VDD - 0.5
V
VOH
Output Low Voltage
0.4
V
VOL
ISINK = 5mA
ISOURCE = 0.5mA
Input Capacitance
15
pF
CIN
Input Leakage Current
±1
µA
IIN
VIN = 0 or VDD
(Note 8)
Input Hysteresis
0.2
V
VHYS
V
V
3.0
VDD > 3.6V
Input Low Voltage
0.8
VIL
Input High Voltage
2.0
VIH
VDD ≤ 3.6V
Shutdown REF Input Current
0.01
10
µA
Input Resistance
18
25
k
Input Current
100
140
µA
VREF = 2.5V
Input Voltage Range (Note 7)
0
VDD + 50mV
V
VREF
Analog Input Voltage Range
(Note 6)
0VREF
V
VIN
Input Capacitance
16
µA
CIN
Multiplexer Leakage Current
±0.01
±1
µA
On/off-leakage current, VIN = 0 to VDD
Aperture Delay
25
ns
Aperture Jitter
<50
ps
Serial Clock Frequency
0.1
2.17
fSCLK
05
MHz
External clock mode
Internal clock mode, for data transfer only
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
7.4
µs
Conversion Time (Note 5)
tCONV
5
7
T/H Acquisition Time
tACQ
2.5
µs
CONDITIONS
External clock, fSCLK = 2.17MHz, 16 clock
cycles per conversion
Internal clock
Three-State Output Leakage
Current
±10
µA
CS/SHDN = VDD
CONVERSION RATE
ANALOG INPUTS
EXTERNAL REFERENCE
DIGITAL INPUTS (CS/SHDN, SCLK) AND DIGITAL OUTPUT (DOUT)


Similar Part No. - MAX1603EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
MAX16031ETM MAXIM-MAX16031ETM Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
More results

Similar Description - MAX1603EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com