Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX154BEWG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX154BEWG
Description  CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX154BEWG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX154BEWG Datasheet HTML 2Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 3Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 4Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 5Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 6Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 7Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 8Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 9Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CMOS High-Speed 8-Bit ADCs with
Multiplexer and Reference
6
_______________________________________________________________________________________
_______________Detailed Description
Converter Operations
The MAX154/MAX158 use what is commonly called a
"half-flash" conversion technique (Figure 3). Two 4-bit
flash ADC converter sections are used to achieve an 8-
bit result. Using 15 comparators, the upper 4-bit MS
(most significant) flash ADC compares the unknown
input voltage to the reference ladder and provides the
upper four data bits.
An internal DAC uses the MS bits to generate an analog
signal from the first flash conversion. A residue voltage
representing the difference between the unknown input
and the DAC voltage is then compared to the reference
ladder by 15 LS (least significant) flash comparators to
obtain the lower four output bits.
Operating Sequence
The operating sequence is shown in Figure 4. A conver-
sion is initiated by a falling edge of RD and CS. The
comparator inputs track the analog input voltage for
approximately 1µs. After this first cycle, the MS flash
result is latched into the output buffers and the LS con-
version begins. INT goes low approximately 600ns later,
indicating the end of the conversion, and that the lower
four bits are latched into the output buffers. The data
can then be accessed using the CS and RD inputs.
___________________Digital Interface
The MAX154/MAX158 use only Chip Select (CS) and
Read (RD) as control inputs. A READ operation, taking
CS and RD low, latches the multiplexer address inputs
and starts a conversion (Table 1).
There are two interface modes, which are determined
by the length of the RD input. Mode 0, implemented by
keeping RD low until the conversion ends, is designed
for microprocessors that can be forced into a WAIT
state. In this mode, a conversion is started with a READ
operation (taking CS and RD low), and data is read
when the conversion ends. Mode 1, on the other hand,
does not require microprocessor WAIT states. A READ
operation simultaneously initiates a conversion and
reads the previous conversion result.
4-BIT
DAC
THREE-
STATE
DRIVERS
ADDRESS
LATCH
DECODE
4-BIT
FLASH
ADC
(4LSB)
4-BIT
FLASH
ADC
(4MSB)
2.5V
REF
TIMING AND CONTROL
CIRCUITRY
MUX*
VREF+
VREF+
16
A0
*MAX154 – 4-Channel Mux
MAX158 – 8-Channel Mux
A1
A2
RDY
CS
RD
AIN1
AIN4
AIN8
REF OUT
VREF-
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
INT
MAX154/MX7824
A1
A0
MAX158/MX7828
A2
A1
A0
SELECTED
CHANNEL
00
01
10
11
00
0
00
1
01
0
01
1
AIN1
AIN2
AIN3
AIN4
Figure 3. Functional Diagram
Table 1. Truth Table for Input Channel
Selection
10
0
10
1
11
0
11
1
AIN5
AIN6
AIN7
AIN8


Similar Part No. - MAX154BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540ETJ MAXIM-MAX1540ETJ Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
More results

Similar Description - MAX154BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
logo
Maxim Integrated Produc...
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
logo
Analog Devices
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com