Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFSL757D-V1M3 Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NFSL757D-V1M3
Description  Built-in ESD Protection Device
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL757D-V1M3 Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NFSL757D-V1M3 Datasheet HTML 1Page - NICHIA CORPORATION NFSL757D-V1M3 Datasheet HTML 2Page - NICHIA CORPORATION NFSL757D-V1M3 Datasheet HTML 3Page - NICHIA CORPORATION NFSL757D-V1M3 Datasheet HTML 4Page - NICHIA CORPORATION NFSL757D-V1M3 Datasheet HTML 5Page - NICHIA CORPORATION NFSL757D-V1M3 Datasheet HTML 6Page - NICHIA CORPORATION NFSL757D-V1M3 Datasheet HTML 7Page - NICHIA CORPORATION NFSL757D-V1M3 Datasheet HTML 8Page - NICHIA CORPORATION NFSL757D-V1M3 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NICHIA STS-DA1-3084B <Cat.No.141201>
4
OUTLINE DIMENSIONS
STS-DA7-5251A
NxSx757D-Vx
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS指令に適合しております。
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
保護素子
Protection Device
KA
項目
Item
パッケージ材質
Package Materials
封止樹脂材質
Encapsulating Resin
Materials
電極材質
Electrodes Materials
質量
Weight
内容
Description
耐熱性ポリマー
Heat-Resistant Polymer
シリコーン樹脂
(拡散剤
+蛍光体入り)
Silicone Resin
(with diffuser and phosphor)
銅合金
+銀メッキ
Ag-plated Copper Alloy
0.018g(TYP)
1.42
Cathode
Anode
0.48
2.6
Cathode Mark
3
2.6)
0.52
Dimensions do not include mold flash.
バリは寸法に含まないものとします。
*


Similar Part No. - NFSL757D-V1M3

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFSL757D-V1 NICHIA-NFSL757D-V1 Datasheet
327Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
More results

Similar Description - NFSL757D-V1M3

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com