Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF2L385AR Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NF2L385AR
Description  Built-in ESD Protection Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NF2L385AR Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NF2L385AR Datasheet HTML 1Page - NICHIA CORPORATION NF2L385AR Datasheet HTML 2Page - NICHIA CORPORATION NF2L385AR Datasheet HTML 3Page - NICHIA CORPORATION NF2L385AR Datasheet HTML 4Page - NICHIA CORPORATION NF2L385AR Datasheet HTML 5Page - NICHIA CORPORATION NF2L385AR Datasheet HTML 6Page - NICHIA CORPORATION NF2L385AR Datasheet HTML 7Page - NICHIA CORPORATION NF2L385AR Datasheet HTML 8Page - NICHIA CORPORATION NF2L385AR Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NICHIA STS-DA1-2896C <Cat.No.150622>
3
Rank
sm3070a
Rank
sm3070b
Rank
sm3070c
Rank
sm3070d
Rank
sm3070e
Rank
sm3070f
Center Point
x
0.4338
y
0.4030
Minor Axis
a
0.009583
Major Axis
b
0.019579
Ellipse Rotation Angle
Φ
-36.00
Rank
sm3570a
Rank
sm3570b
Rank
sm3570c
Rank
sm3570d
Rank
sm3570e
Rank
sm3570f
Center Point
x
0.4073
y
0.3917
Minor Axis
a
0.009562
Major Axis
b
0.020524
Ellipse Rotation Angle
Φ
-35.47
Rank
sm4070a
Rank
sm4070b
Rank
sm4070c
Rank
sm4070d
Rank
sm4070e
Rank
sm4070f
Center Point
x
0.3818
y
0.3797
Minor Axis
a
0.009499
Major Axis
b
0.021658
Ellipse Rotation Angle
Φ
-35.95
Rank
sm4570a
Rank
sm4570b
Rank
sm4570c
Rank
sm4570d
Rank
sm4570e
Rank
sm4570f
Center Point
x
0.3611
y
0.3658
Minor Axis
a
0.008988
Major Axis
b
0.021021
Ellipse Rotation Angle
Φ
-34.33
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.07V
* Luminous Flux Tolerance: ±5%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.003
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Definition of the MacAdam ellipse ranks:
60°
Φ
a
b
A perfect circle is divided
into 60 degree-sections
and then transformed
into the MacAdam ellipse
that is presented
on the chromaticity diagram
in this document.


Similar Part No. - NF2L385AR

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NF2L757ART-V1 NICHIA-NF2L757ART-V1 Datasheet
323Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NF2L757DR-V1 NICHIA-NF2L757DR-V1 Datasheet
326Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
NF2L757DR-V1M3 NICHIA-NF2L757DR-V1M3 Datasheet
300Kb / 18P
   Built-in ESD Protection Device
NF2L757DR-V1U4 NICHIA-NF2L757DR-V1U4 Datasheet
334Kb / 20P
   Built-in ESD Protection Device
NF2L757DRT NICHIA-NF2L757DRT Datasheet
319Kb / 20P
   Pb-free Reflow Soldering Application, Built-in ESD Protection Device
More results

Similar Description - NF2L385AR

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com